Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-101-31 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-101-31
Description  SOLDERSLEEVE SHIELD TERMINATOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
TITLE:
SOLDERSLEEVE SHIELD
TERMINATOR
Unless otherwise specified dimensions are in
millimeters.[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-101-31
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics Corporation reserves
the right to amend this drawing at any
time. Users should evaluate the
suitability of the product for their
application.
REV:
C
DATE:
June 9, 2011
PREPARED BY:
YNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-11-011935
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2009-2011 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
Cable Dimensions
Product
Name
L
max
øA
min
øB
min
øD
max
øE
min
øG
max
J
0.5
(J
0.02)
D-101-31
17.25
(0.680)
4.55
(0.180)
5.00
(0.200)
5.00
(0.200)
2.5
(0.100)
4.55
(0.180)
7
(0.275)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROM1 per ANSI-J-STD-004.
3. MELTABLE RING: Thermally stabilized thermoplastic. Color: gray.
4. MELTABLE RING: Thermally stabilized thermoplastic. Color: blue.
APPLICATION
1. This part is designed to provide an environment protected shield termination on cables, rated for 125
C minimum, meeting the
dimensional criteria listed, having nickel plated copper shields.
2. Install using TE approved convection or infrared tools in accordance with TE assembly procedure RCPS-100-70.
3. Assemblies will meet requirements of TE specification RT-1404 and National Aerospace Standard NAS-1747.
4. Temperature range: -55
C to +150C.
For best results, prepare the cable as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl