Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y4066-10KBDKR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y4066-10KBDKR
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4066-10KBDKR Datasheet(HTML) 4 Page - Vishay Siliconix

  Y4066-10KBDKR Datasheet HTML 1Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 2Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 3Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 4Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 5Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 6Page - Vishay Siliconix Y4066-10KBDKR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FIGURE 3 - RECOMMENDED MOUNTING
Notes
(1) IR and vapor phase reflow are recommended.
(2) Avoid the use of cleaning agents which could attack epoxy resins, which form part
of the resistor construction
(3) Vacuum pick up is recommended for handling
(4) In case of using soldering iron, measurement precautions should be taken to avoid
damaging the resistor
FRSH Series (0603, 0805, 1206, 1506, 2010, 2512) (Z1-Foil)
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63211
4
Revision: 20-Mar-12
PULSE TEST
TEST DESCRIPTION
All parts baked at +125°C for 1 hour and allowed to cool at room
temperature for 1 hour, prior to testing. By using an electrolytic
0.01µF capacitor charged to 1200 VDC, a single pulse was
performed on 30 units of 1206, 10K
 of Surface Mount Vishay Foil
resistor and Thin Film resistor. The unit was allowed time to cool
down, after which the resistance measurement was taken and
displayed in ppm deviation from the initial reading.
FIGURE 4 - PULSE TEST DESCRIPTION
!)
2
"#
 *+
FIGURE 5 - PULSE TEST RESULTS AT 1200 VDC*
-20000
0
20000
40000
60000
80000
100000
120000
140000
0
5
10
15
20
25
30
Resistor #
Size: 1206
Value: 10K
n = 30
Thin Film
Bulk Metal® Foil
TEST RESULTS
*Note: Average of 30 units yielded deviation of 30,723 ppm of the
thin film vs. -14 ppm for the Bulk Metal® Foil


Similar Part No. - Y4066-10KBDKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y4044759K000A0W VISHAY-Y4044759K000A0W Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
Y4044759K000A1W VISHAY-Y4044759K000A1W Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
Y4044759K000B0W VISHAY-Y4044759K000B0W Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results

Similar Description - Y4066-10KBDKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 26-Mar-10
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
logo
Riedon Powertron
UHPC0805 RIEDON-UHPC0805 Datasheet
221Kb / 2P
   Foil Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PZFR RESI-PZFR Datasheet
1Mb / 3P
   Precision Foil Chip Resistor
2023/03/02
logo
Vishay Siliconix
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
   Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
   High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Revision: 14-Nov-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com