Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S18260HSR6 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF8S18260HSR6
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S18260HSR6 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF8S18260HSR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S18260HSR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MRF8S18260HR6 MRF8S18260HSR6
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
1760
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 74 Watts Avg.
--20
--0
--5
--10
--15
16.8
18.8
18.6
18.4
--38
35
34
33
32
--33
--34
--35
--36
ηD
18.2
18
17.8
17.6
17.4
17.2
17
1780
1800
1820
1840
1860
1880
1900 1920
31
--37
--25
PARC
--2
--1.2
--1.4
--1.6
--1.8
--2.2
Figure 4. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM5--L
IM7--U
VDD =30 Vdc,Pout = 100 W (PEP), IDQ = 1600 mA
Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 1840 MHz
Figure 5. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
50
0
--2
--4
30
70
90
130
0
60
50
40
30
20
10
--1 dB = 60 W
110
ηD
ACPR
--50
--20
--25
--30
--40
--35
--45
18.6
Gps
IM3--U
IM3--L
--2 dB = 85 W
VDD =30 Vdc,Pout =74 W (Avg.),IDQ = 1600 mA
Single--Carrier W--CDMA, 3.84 MHz Channel
Bandwidth, Input Signal PAR = 7.5 dB @
0.01% Probability on CCDF
IM5--U
18.4
18.2
18
17.8
17.6
17.4
IM7--L
--3dB = 115W
VDD =30 Vdc,IDQ = 1600 mA, f = 1840 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF
PARC


Similar Part No. - MRF8S18260HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18210WGHSR3 FREESCALE-MRF8S18210WGHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHSR3 FREESCALE-MRF8S18210WHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF8S18260HSR6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com