Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3013NT1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMG3013NT1
Description  Heterojunction Bipolar Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3013NT1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMG3013NT1_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3013NT1_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMG3013NT1
5
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
24
39
4.9
VCC, COLLECTOR VOLTAGE (V)
Figure 8. Third Order Output Intercept Point
versus Collector Voltage
36
33
30
27
4.95
5
5.1
5.05
f = 900 MHz
1 MHz Tone Spacing
100
--40
--20
0
20
40
60
80
31
38
T, TEMPERATURE (_C)
Figure 9. Third Order Output Intercept Point
versus Case Temperature
36
35
34
33
32
Figure 10. Third Order Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (dBm)
58
11
14
17
--80
--30
--50
--60
--70
--40
150
103
105
120
Figure 11. MTTF versus Junction Temperature
104
125
130
135
140
145
TJ, JUNCTION TEMPERATURE (°C)
NOTE: The MTTF is calculated with VCC =5 Vdc, ICC =90 mA
4
0
8
0
f, FREQUENCY (GHz)
Figure 12. Noise Figure versus Frequency
6
4
2
12
3
--70
--20
6
Pout, OUTPUT POWER (dBm)
Figure 13. Single--Carrier W--CDMA Adjacent
Channel Power Ratio versus Output Power
--30
--40
--50
--60
16
14
12
8
18
37
10
VCC =5 Vdc
f = 900 MHz
1 MHz Tone Spacing
20
VCC =5 Vdc
VCC = 5 Vdc, f = 2140 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability(CCDF)
VCC =5 Vdc
f = 900 MHz
100 kHz Tone Spacing


Similar Part No. - MMG3013NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3013NT1 FREESCALE-MMG3013NT1_08 Datasheet
312Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Similar Description - MMG3013NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
   Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
   Heterojunction Bipolar Transistor
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
MMG3008NT1 FREESCALE-MMG3008NT1_12 Datasheet
350Kb / 15P
   Heterojunction Bipolar Transistor
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
   Heterojunction Bipolar Transistor Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com