Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3003NT1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MMG3003NT1
50 OHM APPLICATION CIRCUIT: 3400--3600 MHz
Figure 26. 50 OhmTest Circuit Schematic
Z1, Z6
0.347″ x 0.058″ Microstrip
Z2
0.575″ x 0.058″ Microstrip
Z3
0.086″ x 0.058″ Microstrip
Z4
0.085″ x 0.058″ Microstrip
Z5
0.404″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr =4.1
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
C5
Z1
Z2
C1
Z5
Z6
C2
R1
L1
VCC
Z4
Z3
DUT
C1
L1
C2
R1
C5
C4
C3
Figure 27. S21, S11 and S22 versus Frequency
3800
--20
20
3200
f, FREQUENCY (MHz)
3300
3400
3600
3700
10
5
0
--5
--10
--15
3500
S22
S11
Figure 28. 50 Ohm Test Circuit Component Layout
15
S21
VCC =6.2 Vdc
MMG30XX
Rev 2
Table 13. 50 OhmTest Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
2.2 pF Chip Capacitors
06035J2R2BS
AVX
C3
68 pF Chip Capacitor
C0805C680J5RAC
Kemet
C4
0.01 μF Chip Capacitor
C0603C103J5RAC
Kemet
C5 (1)
0.5 pF Chip Capacitor
06035J0R5BS
AVX
L1
39 nH Chip Inductor
HK160839NJ--T
Taiyo Yuden
R1
7.5 Ω Chip Resistor
RK73B2ATTE7R5J
KOA Speer
1. Tuning capacitor: Capacitor value and location on the transmission line are varied for different frequencies.


Similar Part No. - MMG3003NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Similar Description - MMG3003NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
   Heterojunction Bipolar Transistor Technology
MMA20312BV FREESCALE-MMA20312BV Datasheet
1Mb / 18P
   Heterojunction Bipolar Transistor Technology
MMG3001NT1 FREESCALE-MMG3001NT1_08 Datasheet
300Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
221Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3013NT1 FREESCALE-MMG3013NT1 Datasheet
218Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1_08 Datasheet
442Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMA20312BT1 FREESCALE-MMA20312BT1 Datasheet
797Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMA25312BT1 FREESCALE-MMA25312BT1 Datasheet
899Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMA25312B NXP-MMA25312B Datasheet
342Kb / 10P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
256Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com