Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA2618NKWR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA2618NKWR2
Description  DSI Inertial Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2618NKWR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA2618NKWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2618NKWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Sensors
2
Freescale Semiconductor, Inc.
MMA26xxNKW
Application Diagram
Figure 1. Application Diagram
Device Orientation
Figure 2. Device Orientation Diagram
External Component Recommendations
Ref Des
Type
Description
Purpose
C1
Ceramic
100 pF
C1 1000 pF 10%, 50V, X7R BUSIN Power Supply Decoupling, ESD
C3
Ceramic, Tantalum
1
μF C3 100 μF, 10%, 50V, X7R
Reservoir Capacitor for Keep Alive during Signaling
C4
Ceramic
1
μF, 10%, 10V, X7R
Voltage Regulator Output Capacitor (CREG)
C5
Ceramic
1
μF, 10%, 10V, X7R
Voltage Regulator Output Capacitor (CREGA)
VSS
VCC
BUSIN
BUSRTN
TEST1
TEST3
TEST4
TEST5
MMA26xxN
BUSOUT
BUSIN
BUSRTN
TEST6
HCAP
VSSA
CREG
CREGA
C1
C3
C4
C5
TEST7
PCM
VSS
TEST2
X: 0 g
EARTH GROUND
X: +1 g
X: 0 g
X: -1 g
X: 0 g
X: 0 g
xxxxxxx
xxxxxxx


Similar Part No. - MMA2618NKWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA2618NKWR2 NXP-MMA2618NKWR2 Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
More results

Similar Description - MMA2618NKWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com