Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6856BKW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA6856BKW
Description  Single-Axis SPI Inertial Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6856BKW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA6856BKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6856BKW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA685x
2.4
Electrical Characteristics - Sensor and Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
56
57
58
59
Digital Sensitivity (SPI, 10-Bit Output)
25g (MMA6851)
50g (MMA6853)
60g (MMA6856)
120g (MMA6855)
*
*
*
*
SENS
SENS
SENS
SENS
20.479
9.766
8.192
4.096
LSB/g
LSB/g
LSB/g
LSB/g
(1, 9)
(1, 9)
(1, 9)
(1, 9)
60
61
67
Sensitivity Error
TA = 25°C
-40°C
≤ T
A ≤ 105°C
-40°C
≤ T
A ≤ 105°C,VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
ΔSENS
ΔSENS
ΔSENS
-4
-5
-5
+4
+5
+5
%
%
%
(1)
(1)
(3)
68
69
70
71
Offset at 0g (No Offset Cancellation)
10-Bits, unsigned
10-Bits, signed
10-Bits, unsigned, VCC_UV_f ≤ VCC - VSS ≤ VL
10-Bits, signed, VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
OFFSET
OFFSET
OFFSET
OFFSET
452
-60
452
-60
512
0
512
0
572
+60
572
+60
LSB
LSB
LSB
LSB
(1)
(1)
(3)
(3)
72
73
Offset Monitor Thresholds
Positive Threshold (10-Bits, unsigned)
Negative Threshold (10-Bits, unsigned)
OFFTHRPOS
OFFTHRNEG
612
412
LSB
LSB
(7)
(7)
74
75
76
77
Range of Output (SPI, 10-Bits, unsigned)
Normal
Fault Response Code
Unused Codes
Unused Codes
RANGE
FAULT
UNUSED
UNUSED
32
1
993
0
992
31
1023
LSB
LSB
LSB
LSB
(7)
(7)
(7)
(7)
78
79
80
81
Range of Output (SPI, 10-Bits, signed)
Normal
Fault Response Code
Unused Codes
Unused Codes
RANGE
FAULT
UNUSED
UNUSED
-480
-511
481
-512
480
-481
511
LSB
LSB
LSB
LSB
(7)
(7)
(7)
(7)
82 Nonlinearity
*
NLOUT
-1
1
% FSR
(3)
83
84
System Output Noise
RMS (10-Bit, All Ranges, 400 Hz, 4-pole LPF)
Peak to Peak (10-Bit, All Ranges, 400 Hz, 4-pole LPF)
nRMS
nP-P
0.5
1.0
LSB
LSB
(3)
(3)
85
86
Cross-Axis Sensitivity
VZX
VYX
*
*
VZX
VYX
-4
-4
+4
+4
%
%
(3)
(3)
87
88
89
90
91
92
Self-Test Output Change (Ref Section 3.6)
STMAG = 0, TA = 25°C
STMAG = 0, -40°C
≤ T
A ≤ 105°C
STMAG = 1, TA = 25°C
STMAG = 1, -40°C
≤ T
A ≤ 105°C
STMAG = 0, -40°C
≤ T
A ≤ 105°C
VCC_UV_f ≤ VCC - VSS ≤ VL
STMAG = 1, -40°C
≤ T
A ≤ 105°C
VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
*
*
ΔST
Low25
ΔST
Low
ΔST
HI25
ΔST
HI
ΔST
Low
ΔST
HI
ΔST
MIN
11.25
10.68
22.5
21.37
10.68
21.37
ΔST
NOM
15
15
30
30
15
30
ΔST
MAX
18.75
19.69
37.5
39.38
19.69
39.38
g
g
g
g
g
g
(1)
(1)
(1)
(1)
(3)
(3)
93
Acceleration (without hitting internal g-cell stops)
Any Range Positive/Negative
gg-cell_Clip
500
560
600
g
(19)


Similar Part No. - MMA6856BKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA6856BKCW NXP-MMA6856BKCW Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA6856BKCWR2 NXP-MMA6856BKCWR2 Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA6856BKTW NXP-MMA6856BKTW Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA6856BKTWR2 NXP-MMA6856BKTWR2 Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
More results

Similar Description - MMA6856BKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16355 AD-ADIS16355 Datasheet
385Kb / 28P
   Tri-Axis Inertial Sensor
Rev. PrG
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
NXP Semiconductors
FXLS9XXX0 NXP-FXLS9XXX0 Datasheet
3Mb / 247P
   Single channel inertial sensor
Rev. 6-8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com