Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA685X Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Sensors
8
Freescale Semiconductor, Inc.
MMA685x
2.5
Dynamic Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
94
95
96
DSP Sample Rate (LPF 0,1,2,3,4,5)
DSP Sample Rate (LPF 8,9,10,11,12,13)
Interpolation Sample Rate
tS
tS
tINTERP
64/fOSC
128/fOSC
tS/2
s
s
s
(7)
(7)
(7)
97
98
Datapath Latency (excluding g-cell and Low Pass Filter)
TS = 64/fOSC
TS = 128/fOSC
*
*
tDataPath_8
tDataPath_16
33.0
51.9
34.8
54.6
36.5
57.4
μs
μs
(7, 16)
(7, 16)
99
100
101
102
103
104
Low-Pass Filter (ts = 8 μs)
Cutoff frequency 0: 100 Hz, 4-pole
Cutoff frequency 1: 300 Hz, 4-pole
Cutoff frequency 2: 400 Hz, 4-pole
Cutoff frequency 3: 800 Hz, 4-pole
Cutoff frequency 4: 1000 Hz, 4-pole
Cutoff frequency 5: 400 Hz, 3-pole
*
*
*
*
*
*
fC0(LPF)
fC1(LPF)
fC2(LPF)
fC3(LPF)
fC4(LPF)
fC5(LPF)
95
285
380
760
950
380
100
300
400
800
1000
400
105
315
420
840
1050
420
Hz
Hz
Hz
Hz
Hz
Hz
(3, 7, 17)
(7, 17)
(7, 17)
(7, 17)
(7, 17)
(7, 17)
105
106
107
108
109
110
Low-Pass Filter (ts = 16μs)
Cutoff frequency 8: 50 Hz, 4-pole
Cutoff frequency 9: 150 Hz, 4-pole
Cutoff frequency 10: 200 Hz, 4-pole
Cutoff frequency 11: 400 Hz, 4-pole
Cutoff frequency 12: 500 Hz, 4-pole
Cutoff frequency 13: 200 Hz, 3-pole
*
*
*
*
*
*
fC8(LPF)
fC9(LPF)
fC10(LPF)
fC11(LPF)
fC12(LPF)
fC13(LPF)
47.5
142.5
190
380
475
190
50
150
200
400
500
200
52.5
157.5
210
420
525
210
Hz
Hz
Hz
Hz
Hz
Hz
(7, 17)
(7, 17)
(7, 17)
(7, 17)
(7, 17)
(7, 17)
111
112
113
114
115
116
117
Offset Cancellation (Normal Mode, 10-Bit Output)
Offset Averaging Period
Offset Slew Rate
Offset Update Rate
Offset Correction Value per Update Positive
Offset Correction Value per Update Negative
Offset Correction Threshold Positive
Offset Correction Threshold Negative
*
*
*
*
*
*
*
OFFAVEPER
OFFSLEW
OFFRATE
OFFCORRP
OFFCORRN
OFFTHP
OFFTHN
6.291456
0.2384
1049
0.25
-0.25
0.125
0.125
s
LSB/s
ms
LSB
LSB
LSB
LSB
(7)
(7)
(7)
(7)
(7)
(7)
(7)
118
Offset Monitor Bypass Time after Self-Test Deactivation
tST_OMB
320
tS
(3, 7)
119
Time Between Acceleration Data Requests
tACC_REQ
15
⎯⎯
μs
(3, 7, 20)
120
121
122
Arming Output Activation Time (ARM, IARM = 200 μA)
Moving Average and Count Arming Modes (2,3,4,5)
Unfiltered Mode Activation Delay (Reference Figure 28)
Unfiltered Mode Arm Assertion Time (Reference Figure 28)
tARM
tARM_UF_DLY
tARM_UF_ASSERT
0
0
5.00
1.05
1.05
6.579
μs
μs
μs
(3, 12)
(3, 12)
(3)
123
Sensing Element Natural Frequency (-40°C
≤ T
A ≤ 105°C)
fgcell
10791
15879
Hz
(19)
124
Sensing Element Cutoff Frequency (-3 dB ref. to 0 Hz, -40°C
≤ T
A ≤ 105°C)
fgcell
0.851
2.29
kHz
(19)
125
Sensing Element Damping Ratio (-40°C
≤ T
A ≤ 105°C)
ζ
gcell
2.46
9.36
(19)
126
Sensing Element Delay (@100 Hz, -40°C
≤ T
A ≤ 105°C)
fgcell_delay
70
187
μs
(19)
127
Package Resonance Frequency
fPackage
100
⎯⎯
kHz
(19)
128
Package Quality Factor
qPackage
1
5
(19)


Similar Part No. - MMA685X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
More results

Similar Description - MMA685X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16355 AD-ADIS16355 Datasheet
385Kb / 28P
   Tri-Axis Inertial Sensor
Rev. PrG
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
NXP Semiconductors
FXLS9XXX0 NXP-FXLS9XXX0 Datasheet
3Mb / 247P
   Single channel inertial sensor
Rev. 6-8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com