Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA2602NKW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA2602NKW
Description  DSI Inertial Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2602NKW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA2602NKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA2602NKW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Sensors
10
Freescale Semiconductor, Inc.
MMA26xxNKW
2.8
Dynamic Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
Notes:
1. Parameters tested 100% at final test at -40
°C, 25°C, and 105°C.
2. Parameters tested 100% at probe.
3. Verified by characterization.
4. * Indicates critical characteristic.
5. Verified by qualification testing, not tested in production.
6. Parameters verified by pass/fail testing in production.
7. Functionality guaranteed by modeling, simulation and/or design verification. Circuit integrity assured through IDDQ and scan testing. Timing
is determined by internal system clock frequency.
8. Verified by user system level characterization, not tested in production, or at component level.
9. Verified by Simulation.
10.Measured at final test. Self-test activation occurs under control of the test program.
11.Thermal resistance between the die junction and the exposed pad; cold plate is attached to the exposed pad.
12.Maximum voltage characterized. Minimum voltage tested 100% at final test. Maximum voltage tested 100% to 24V at final test.
13.N/A.
14.Sensitivity, and overload capability specifications will be reduced when 80Hz filter is selected.
15.Filter cutoff frequencies are directly dependent upon the internal oscillator frequency.
16.Target values. Actual values to be determined during device characterization.
#
Characteristic
Symbol
Min
Typ
Max
Units
110
Internal Oscillator Frequency
*
fOSC
3.80
4
4.20
MHz
(1)
111
Data Interpolation Latency
tLAT_INTERP
64 / fOSC
65 / fOSC
s(7)
112
113
114
115
116
117
DSP Low-Pass Filter
Cutoff frequency LPF0 (referenced to 0 Hz)
Filter Order LPF0
Cutoff frequency LPF1 (referenced to 0 Hz)
Filter Order LPF1
Cutoff frequency LPF2 (referenced to 0 Hz)
Filter Order LPF2
fC_LPF0
OLPF0
fC_LPF1
OLPF1
fC_LPF2
OLPF2
171
380
760
180
2
400
4
800
4
189
420
840
Hz
1
Hz
1
Hz
1
(7)
(7)
(7)
(7)
(7)
(7)
118
119
Sensing Element Rolloff Frequency (-3 db)
±25g, ±50g, ±62.5g, ±125g
±187g, ±312g
fgcell_3dB_xlo
fgcell_3dB_xhi
938
3952
2592
14370
Hz
Hz
(9)
(9)
120
121
Sensing Element Natural Frequency
±25g, ±50g, ±62.5g, ±125g
±187g, ±312g
fgcell_xlo
fgcell_xhii
12651
26000
13871
28700
Hz
Hz
(9)
(9)
122
123
Sensing Element Damping Ratio
±25g, ±50g, ±62.5g, ±125g
±187g, ±312g
ζgcell_xlo
ζgcell_xhi
2.760
1.260
6.770
3.602
(9)
(9)
124
125
Sensing Element Delay (@100 Hz)
±25g, ±50g, ±62.5g, ±125g
±187g, ±312g
fgcell_delay100_xlo
fgcell_delay100_xhi
63
13
170
40
μs
μs
(9)
(9)
126
Package Resonance Frequency
fPackage
100
⎯⎯
kHz
(9)


Similar Part No. - MMA2602NKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA2602NKW NXP-MMA2602NKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
MMA2602NKWR2 NXP-MMA2602NKWR2 Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
More results

Similar Description - MMA2602NKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com