Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7961 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7961
Description  1A Ultra Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7961 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7961_09 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7961_09 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EUP7961
DS7961 Ver 1.4 Jan. 2009
5
Absolute Maximum Ratings (1)
VIN,VOUT to GND -------------------------------------------------------------------- -0.3V to 6V
Other Pins to GND ------------------------------------------------------------------ -0.3V to 6V
Package Thermal Resistance
SOT-223, θJA ---------------------------------------------------------------------- 115°C /W
SOP-8, θJA ------------------------------------------------------------------------- 125°C /W
Power Dissipation, PD@TA= +25°C
SOT-223 ---------------------------------------------------------------------------
0.87W
SOP-8 ------------------------------------------------------------------------------
0.8W
Maximum Junction Temperature ----------------------------------------------------
+150°C
Storage Temperature --------------------------------------------------------- -65°C to +150°C
Lead Temp (Soldering 10sec.)-----------------------------------------------------------
+300°C
ESD Rating
Human Body Model -------------------------------------------------------------------
2kV
Recommended Operating Conditions (2)
Supply Voltage VIN ---------------------------------------------------------------- 2.5V to 5.5V
Enable Input Voltage --------------------------------------------------------------
0V to 5.5V
Operating Temperature Range ---------------------------------------------
-40°C to +85°C
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Electrical Characteristics
Specifications in standard type face are for TA= +25°C, and those with boldface type apply over the full operating
temperature range TA= -40°C to +85°C. VIN=VOUT(NOM)+1V, VEN=5V, IL=10mA, CIN=COUT=4.7µF unless
otherwise specified.
EUP7961
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VOUT+1V ≤ VIN ≤ 5.5V
10mA ≤ IL ≤ 1A TA= +25°C
-1.8
1.8
Output Voltage Tolerance
VOUT+1V ≤ VIN ≤ 5.5V
10mA ≤ IL ≤ 1A TA= -40°C ~ +85°C
-3
3
%
Line Regulation
VOUT+1V ≤ VIN ≤ 5.5V
0.1
0.24
%
Δ
VOUT
Load Regulation
10mA ≤ IL ≤ 1A
0.08
0.32
%
IL = 100mA
35
50
VIN -VOUT Dropout Voltage
IL = 1A
300
500
mV
IL = 10mA
300
360
Ground Pin Current in
Normal Operation Mode
IL = 1A
500
600
µA
IGND
Ground Pin Current in
Shutdown Mode
VEN ≤ 0.3V
0.01
10
µA
IO(PK)
Peak Output Current
VO ≥ VO(NOM) -4%
1.1
1.5
A
Short Circuit Protection
ISC
Short Circuit Current
1.2
1.7
A


Similar Part No. - EUP7961_09

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15DIR1 EUTECH-EUP7961-15DIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-18BIR1 EUTECH-EUP7961-18BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-18CIR1 EUTECH-EUP7961-18CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7961_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com