Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP3453 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3453
Description  3A,40V,200KHz Step-Down Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3453 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3453 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP3453
DS3453
Ver1.1
Oct. 2011
1
3A,40V,200KHz Step-Down Converter
DESCRIPTION
The EUP3453 is current mode, step-down switching
regulator capable of driving 3A continuous load with
excellent line and load regulation. The EUP3453
operates with an input voltage range from 4.75V to
40V and the output voltage is externally set from
0.92V to 15V with a resistor divider. The output
current threshold is programmed by an external resistor.
The EUP3453 enters into the CC (constant current)
mode when output reaches over current threshold. The
OV (over voltage) threshold is programmed by an
external resistor divider. The EUP3453 stops switching
when output reaches over voltage threshold.
Fault
condition
protection
includes
secondary
cycle-by-cycle current limit and thermal shutdown. In
shutdown mode the regulator draws 3µA of supply
current. Internal soft-start minimizes the inrush supply
current and the output overshoot at initial startup.
The EUP3453 require a minimum number of external
components.
Typical Application Circuit
FEATURES
4.75V to 40V Wide Input Operating Range
Output Adjustable from 0.92V to 15V
Up to 3A Output Current
Programmable Output Current Threshold
Programmable Output Over Voltage Threshold
3µA Low Shutdown Current
0.1
Internal DMOS Output Switch
Up to 95% Efficiency
Fixed 200kHz Switching Frequency
Internal Soft Start
Secondary Cycle-by-Cycle Current Limit
Thermal Shutdown
Input Supply Undervoltage Lockout
Available SOP-8 (EP) Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
Car Charger/Adaptor
Rechargeable Portable Devices
Distributive Power Systems
Pre-regulator for Linear Regulators
Figure 1. 5V Application Circuit


Similar Part No. - EUP3453

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
   3A,30V,500KHz Step-Down Converter
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
   2A,16V,380KHz Step-Down Converter
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
EUP3458 EUTECH-EUP3458 Datasheet
109Kb / 1P
   1.2A,30V,1.2MHz Step-Down Converter
More results

Similar Description - EUP3453

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3490 EUTECH-EUP3490 Datasheet
856Kb / 1P
   3A,40V,200KHz Step-Down Converter
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
logo
Exar Corporation
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
   40V, 3A Synchronous Step-Down
logo
Linear Technology
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
logo
Shenzhen Tianyuan Semic...
TP5678 TPOWER-TP5678 Datasheet
751Kb / 6P
   40V 3A Synchronous Step-Down DC-DC Converter Chip
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
   40V 3A STEP-DOWN LED DRIVER
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com