Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP3426 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3426
Description  3A, Synchronous Step-Down Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3426 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3426 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP3426
DS3426 Ver0.1 Sep. 2010
1
3A, Synchronous Step-Down Converter
DESCRIPTION
The EUP3426 is a 1 MHz fixed frequency synchronous,
current-mode, step-down dc-dc converter capable of
providing up to 3A output current. The EUP3426
operates from an input range of 2.7V to 5.5V and
provides a regulated output voltage from 0.6V to 5V.
The internal synchronous power switch improves
efficiency and eliminates the need for an external
Schottky diode. The EUP3426 can be externally set for
either forced PWM continuous mode or pulse skipping
mode. Forced PWM operation provides very low output
ripple voltage for noise sensitive applications while
pulse skipping operation improves light load efficiency
by reducing switching loss.
The EUP3426 features short circuit and thermal
protection circuits to improves system reliability.
Internally soft-start avoids input inrush current during
startup. The EUP3426 is available in TDFN
3mm
× 3mm 10-pin package with the exposed pad.
Typical Application Circuit
FEATURES
2.7V to 5.5V Input Voltage Range
High Efficiency up to 96%
3A Available Load Current
57/35mΩ Integrated PFET/NFET Switches
1MHz Switching Frequency
100% Duty Cycle Low Dropout Operation
Short Circuit and Thermal Protection
Integrated UVLO and Power Good
Excellent Line and Load Transient Response
Available in 0.9V, 1.0V, 1.2V, 1.8V and
Adjustable Output Voltages
Available in 10-Pin 3mm
× 3mm TDFN Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
Distributed 3.3V and 5V Power Supplies
High Performance DSPs, FPGAs, ASICs and
Microprocessors
Base Station, Telecom, and Networking
Equipment Power Supplies
ePC and NetPCs
Figure1. Adjustable Output Regulator


Similar Part No. - EUP3426

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
   2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420JIR1 EUTECH-EUP3420JIR1 Datasheet
513Kb / 11P
   2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420MIR1 EUTECH-EUP3420MIR1 Datasheet
513Kb / 11P
   2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
EUP3423 EUTECH-EUP3423 Datasheet
89Kb / 1P
   3.2A, Synchronous Step-Down Converter
More results

Similar Description - EUP3426

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
   3A 23V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com