Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA2612KWR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA2612KWR2
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2612KWR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA2612KWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA2612KWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Sensors
8
Freescale Semiconductor, Inc.
MMA26xxKW
2.6
Electrical Characteristics - Self-Test and Overload
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
71
Acceleration (without hitting internal g-cell stops)
±25g, ±50g, ±62.5g, ±125g
gg-cell_Clip60X
400
456
500
g
(9)
72
Acceleration (without hitting internal g-cell stops)
±187g, ±312g
gg-cell_Clip240X
1750
2065
2300
g
(9)
73
ΣΔ and Sinc Filter Clipping Limit
±25g
gADC_Clip60X
98
108
121
g
(9)
74
ΣΔ and Sinc Filter Clipping Limit
±50g
gADC_Clip60X
191
210
232
g
(9)
75
ΣΔ and Sinc Filter Clipping Limit
±62.5g
gADC_Clip60X
191
210
232
g
(9)
76
ΣΔ and Sinc Filter Clipping Limit
±125g
gADC_Clip120X
353
379
409
g
(9)
77
ΣΔ and Sinc Filter Clipping Limit
±187g
gADC_Clip240X
1690
1876
2106
g
(9)
78
ΣΔ and Sinc Filter Clipping Limit
±312g
gADC_Clip480X
1690
1876
2106
g
(9)
79
80
81
82
83
84
Deflection, 10-Bit, Self-Test - Offset, 30 sample ave, TA = 25°C)
±25g Range
±50g Range
±62.5g Range
±125g Range
±187g Range
±312g Range
*
*
*
*
*
*
ΔDFLCT_X25
ΔDFLCT_X50
ΔDFLCT_X62
ΔDFLCT_X125
ΔDFLCT_X187
ΔDFLCT_X312
246
123
98
49
82
49
LSB
LSB
LSB
LSB
LSB
LSB
(1)
(1)
(1)
(1)
(1)
(1))
85 Self-test deflection range, TA = 25 °C
ΔDFLCT
-10
+10
%
(1)
86 Self-test deflection range, TL ≤ TA ≤ TH
ΔDFLCT
-20
+20
%
(1)


Similar Part No. - MMA2612KWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA2612KWR2 NXP-MMA2612KWR2 Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA2612KWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com