Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA1631NKW Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA1631NKW
Description  DSI Inertial Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1631NKW Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA1631NKW Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Document Number: MMA16xxNKW
Rev. 4, 03/2012
Freescale Semiconductor
Data Sheet: Technical Data
© 2010-2012 Freescale Semiconductor, Inc. All rights reserved.
DSI Inertial Sensor
The MMA16xxNKW family, a SafeAssure solution, includes the DSI2.5
compatible overdamped Z-axis satellite accelerometers.
Features
• ±50g to ±312.5g Nominal Full-Scale Range
• Selectable 180 Hz, 2-pole, 400 Hz, 4-pole, or 800 Hz, 4-pole LPF
• DSI2.5 Compatible with full support of Mandatory Commands
• 16
μs internal sample rate, with interpolation to 1 ms
• -40°C to 125°C Operating Temperature Range
• Pb-Free 16-Pin QFN, 6 by 6 Package
• Qualified AECQ100, Revision G, Grade 1 (-40
°C to +125°C)
(http://www.aecouncil.com/)
Typical Applications
• Airbag Front and Side Crash Detection
For user register array programming, please consult your Freescale
representative.
ORDERING INFORMATION
Device
Axis
Range
Package
Shipping
MMA1605NKW
Z
50g
2086-01
Tubes
MMA1606NKW
Z
62.5g
2086-01
Tubes
MMA1612NKW
Z
125g
2086-01
Tubes
MMA1618NKW
Z
187g
2086-01
Tubes
MMA1631NKW
Z
312g
2086-01
Tubes
MMA1605NKWR2
Z
50g
2086-01
Tape & Reel
MMA1606NKWR2
Z
62.5g
2086-01
Tape & Reel
MMA1612NKWR2
Z
125g
2086-01
Tape & Reel
MMA1618NKWR2
Z
187g
2086-01
Tape & Reel
MMA1631NKWR2
Z
312g
2086-01
Tape & Reel
Top View
MMA16xxNKW
16-PIN QFN
CASE 2086-01
PIN CONNECTIONS
Bottom View
TEST2
BUSRTN
CREGA
TEST4
CREG
TEST3
TEST1
VSSA
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
17


Similar Part No. - MMA1631NKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA1631KGCW NXP-MMA1631KGCW Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA1631KGCWR2 NXP-MMA1631KGCWR2 Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA1631KW FREESCALE-MMA1631KW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA1631KW NXP-MMA1631KW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
logo
Freescale Semiconductor...
MMA1631KWR2 FREESCALE-MMA1631KWR2 Datasheet
423Kb / 45P
   DSI Inertial Sensor
More results

Similar Description - MMA1631NKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com