Electronic Components Datasheet Search |
|
MC13892JVL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MC13892JVL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 158 page Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as may be required, to permit improvements in the design of its products. Document Number: MC13892 Rev. 17.0, 05/2012 Freescale Semiconductor © Freescale Semiconductor, Inc., 2010 - 2012. All rights reserved. Power Management Integrated Circuit (PMIC) for i.MX35/51 The MC13892 is a Power Management Integrated Circuit (PMIC) designed specifically for use with the Freescale i.MX35 and i.MX51 families. It is also compatible with the i.MX27, i.MX31, and i.MX37 application processors targeting netbooks, ebooks, smart mobile devices, smart phones, personal media players, and portable navigation devices. Features • Battery charger system for wall charging and USB charging • 10-bit ADC for monitoring battery and other inputs, plus a coulomb counter support module • Four adjustable output buck regulators for direct supply of the processor core and memory • 12 adjustable output LDOs with internal and external pass devices • Boost regulator for supplying RGB LEDs • Serial backlight drivers for displays and keypad, plus RGB LED drivers • Power control logic with processor interface and event detection • Real time clock and crystal oscillator circuitry, with coin cell backup and support for external secure real time clock on a companion system processor IC • Touch screen interface • SPI/I2C bus interface for control and register access Figure 1. MC13892 Typical Operating Circuit POWER MANAGEMENT 13892 VK SUFFIX 98ASA10820D 139-PIN 7X7MM BGA VL SUFFIX 98ASA10849D 186-PIN 12X12MM BGA ORDERING INFORMATION See Device Variation Table on Page 2. CALENDAR USB Li Ion Battery Adapter Camera AP Aud& Pwr Mgmt Camera MC13892 Power Mgmt & User Interface i.MX51 Apps Processor BT (+FM) Display Backlight SPI/I2C SSI UI RTC Touch Screen AP Aud Audio IC Mic Inputs Stereo Loudspeakers Line In/Out UI Backlight Stereo headphones Power Power Coin Cell Battery Charger LED RGB Color Indicators CALENDAR CALENDAR USB Li Ion Battery Adapter Camera AP Aud& Pwr Mgmt Camera MC13892 Power Mgmt & User Interface i.MX51 Apps Processor BT (+FM) Display Backlight SPI/I2C SSI UI UI RTC Touch Screen AP Aud Audio IC Mic Inputs Stereo Loudspeakers Line In/Out UI Backlight Stereo headphones Power Power Coin Cell Battery Charger LED RGB Color Indicators Integrated Circuit MC13892 Power Management |
Similar Part No. - MC13892JVL |
|
Similar Description - MC13892JVL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |