Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC600F390JT250XT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # ATC600F390JT250XT
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC600F390JT250XT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button ATC600F390JT250XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 9Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 10Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MD7IC2251NR1 MD7IC2251GNR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
2060
ACPR
f, FREQUENCY (MHz)
Figure 5. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 12 Watts Avg.
--4
0
--1
--2
--3
31
30.6
--40
39
37
35
33
--30
--32
--34
--36
29.8
29
28.2
27.4
2080
2100
2120
2140
2160
2180
2200 2220
31
--38
--5
Figure 6. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--70
--20
--30
1
100
--40
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 18 W (PEP)
IDQ1(A+B) =80 mA, IDQ2A = 260 mA
Figure 7. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
10
0
--2
--4
5
15
20
26
50
46
42
38
34
30
--1dB = 7.2W
--2dB = 9.9W
--3dB = 12.5W
30
ACPR
--50
--20
--25
--30
--40
--35
--45
30
29
28
27
26
25
24
Gps
30.2
29.4
28.6
27.8
27
Input Signal PAR = 9.9 dB @
0.01% Probability on CCDF
3.84 MHz Channel Bandwidth, Input Signal
PAR = 9.9 dB @ 0.01% Probability on CCDF
PAE
PARC
25
PAE
PARC
Gps
VDD =28 Vdc,Pout =12 W (Avg.)
IDQ1(A+B) =80 mA, IDQ2A = 260 mA
VGS2B = 1.4 Vdc, Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
--50
--60
VGS2B = 1.4 Vdc, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
IM3--L
IM3--U
--6
VDD =28 Vdc,IDQ1(A+B) =80 mA
IDQ2A = 260 mA, VGS2B =1.4 Vdc
f = 2140 MHz, Single--Carrier
W--CDMA


Similar Part No. - ATC600F390JT250XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC600F390JT250XT FREESCALE-ATC600F390JT250XT Datasheet
1Mb / 27P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
255Kb / 8P
   RF Power LDMOS Transistor
Rev. 0, 02/2019
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
254Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 02/2019
More results

Similar Description - ATC600F390JT250XT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com