Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA16XXKW Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA16XXKW Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
5
MMA16xxKW
2
Electrical Characteristics
2.1
Maximum Ratings
Maximum ratings are the extreme limits to which the device can be exposed without permanently damaging it. Do not apply
voltages higher than those shown in the table below.
2.2
Operating Range
The operating ratings are the limits normally expected in the application.
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Rating
Symbol
Value
Unit
1
2
Supply Voltage (continuous) (BUSIN,BUSOUT, HCAP)
Supply Voltage (pulsed < 400 ms, repetition rate 60s) (BUSIN,BUSOUT, HCAP)
VCC
VCC
-0.3 to +30.0
-0.3 to +34.0
V
V
(3)
(3)
3CREG, CREGA, PCM, TEST1, TEST2, TEST3, TEST4, TEST5, TEST6, TEST7
-0.3 to +3.0
V
(3)
4
5
BUSIN,BUSOUT, BUSRTN and HCAP Current
Maximum duration 1s
Continuous
IIN
IIN
400
75
mA
mA
(3)
(3)
6
Powered Shock (six sides, 0.5 ms duration)
gpms
±2000
g
(5)
7
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±2000
g
(5)
8
Drop Shock (to concrete, tile or steel surface, 10 drops, any orientation)
hDROP
1.2
m
(5)
9
10
11
Electrostatic Discharge (per AEC100)
HBM (100 pF, 1.5 k
Ω)
CDM (R = 0
Ω)
MM (200 pF, 0
Ω)
VESD
VESD
VESD
±2000
±500
±200
V
V
V
(5)
(5)
(5)
12
13
Temperature Range
Storage
Junction
Tstg
TJ
-40 to +125
-40 to +150
°C
°C
(3)
(3)
14
Thermal Resistance
θJC
2.5
°C/W
(11)
#
Characteristic
Symbol
Min
Typ
Max
Units
15
16
Supply Voltage
VHCAP
BUSIN
VHCAP
VBUS
VL
6.3
-0.3
VH
30
30
V
V
(1,12)
(1,12)
17
Programming Voltage
Applied to BUSIN (DSI)
VPP
14.0
30.0
V
(3)
18
Programming Current
BUSIN
IPP
85
⎯⎯
mA
(3)
19
20
Operating Temperature Range
TA
TA
TL
-40
-40
TH
+105
+125
°C
°C
(1)
(3)


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com