Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD7IC21100NR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MD7IC21100NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7IC21100NR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MD7IC21100NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MD7IC21100NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MD7IC21100NR1 MD7IC21100GNR1 MD7IC21100NBR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
Figure 9. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
30
0
--2
--4
15
45
60
90
15
45
40
35
30
25
20
75
ηD
ACPR
PARC
--50
--20
--25
--30
--40
--35
--45
29
28.5
28
27.5
27
26.5
26
Gps
1
Gps
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 10. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
--20
15
45
0
60
50
40
30
20
ηD
40
35
10
100
200
10
--60
30
25
20
0
--30
--40
--50
TC =--30°C
25°C
85°C
85°C
--30°C
25°C
Figure 11. Broadband Frequency Response
0
30
1650
f, FREQUENCY (MHz)
VDD =28 Vdc
Pout =19 dBm
IDQ1A +IDQ1B = 190 mA
IDQ2A +IDQ2B = 925 mA
20
15
10
1850
25
Gain
1950 2050 2150 2250 2350 2450
2650
IRL
--30
0
--5
--10
--15
--20
5--25
VDD =28 Vdc,IDQ1A +IDQ1B = 190 mA, IDQ2A +IDQ2B = 925 mA
f = 2140 MHz, Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth, Input Signal
PAR = 7.5 dB @ 0.01% Probability on CCDF
25°C
1750
2550
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF
IDQ1A +IDQ1B = 190 mA
IDQ2A +IDQ2B = 925 mA, f = 2140 MHz
--1 dB = 28.79 W
--2 dB = 38.93 W
--3 dB = 52.51 W
--30°C
VDD =28 Vdc


Similar Part No. - MD7IC21100NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7IC21100NR1 FREESCALE-MD7IC21100NR1 Datasheet
835Kb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MD7IC21100NR1 NXP-MD7IC21100NR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
More results

Similar Description - MD7IC21100NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com