Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK61FX512VMD15 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MK61FX512VMD15
Description  K61 Sub-Family Data Sheet
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK61FX512VMD15 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MK61FX512VMD15 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK61FX512VMD15 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Field
Description
Values
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
• 512 = 512 KB
• 1M0 = 1 MB
T
Temperature range (°C)
• V = –40 to 105
• C = –40 to 85
PP
Package identifier
• MD = 144 MAPBGA (13 mm x 13 mm)
CC
Maximum CPU frequency (MHz)
• 15 = 150 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
2.4 Example
This is an example part number:
MK61FN1M0VMD15
3 Terminology and guidelines
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
Terminology and guidelines
K61 Sub-Family Data Sheet Data Sheet, Rev. 3, 2/2012.
6
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - MK61FX512VMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK61FX512VMD15 NXP-MK61FX512VMD15 Datasheet
1Mb / 86P
   K61 Sub-Family
Rev. 7, 02/2018
More results

Similar Description - MK61FX512VMD15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K61P256M120SF3 FREESCALE-K61P256M120SF3 Datasheet
1Mb / 90P
   K61 Sub-Family Data Sheet
K61P144M120SF3 FREESCALE-K61P144M120SF3 Datasheet
1Mb / 82P
   K61 Sub-Family Data Sheet
logo
NXP Semiconductors
K61P143M120SF3 NXP-K61P143M120SF3 Datasheet
1Mb / 81P
   K61 Sub-Family
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K61P144M120SF3_1210 FREESCALE-K61P144M120SF3_1210 Datasheet
1Mb / 87P
   K61 Sub-Family
K61P256M150SF3 FREESCALE-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family
logo
NXP Semiconductors
K61P144M150SF3 NXP-K61P144M150SF3 Datasheet
1Mb / 86P
   K61 Sub-Family
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K61P256M120SF3_1210 FREESCALE-K61P256M120SF3_1210 Datasheet
1Mb / 94P
   K61 Sub-Family
logo
NXP Semiconductors
K61P144M120SF3 NXP-K61P144M120SF3 Datasheet
1Mb / 86P
   K61 Sub-Family
Rev. 7, 02/2018
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com