Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK40DN512VMD10 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MK40DN512VMD10
Description  K40 Sub-Family
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DN512VMD10 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MK40DN512VMD10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK40DN512VMD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance:
digital pins
7
pF
Terminology and guidelines
K40 Sub-Family Data Sheet, Rev. 1, 6/2012.
Freescale Semiconductor, Inc.
Preliminary
7
General Business Information


Similar Part No. - MK40DN512VMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DN512VMC10 FREESCALE-MK40DN512VMC10 Datasheet
1Mb / 70P
   K40 Sub-Family
More results

Similar Description - MK40DN512VMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
logo
NXP Semiconductors
K40P81M72SF1 NXP-K40P81M72SF1 Datasheet
2Mb / 69P
   K40 Sub-Family
Rev. 3, 11/2012
K40P64M72SF1 NXP-K40P64M72SF1 Datasheet
2Mb / 68P
   K40 Sub-Family
Rev. 3, 11/2012
K40P100M72SF1 NXP-K40P100M72SF1 Datasheet
2Mb / 71P
   K40 Sub-Family
Rev. 3, 11/2012
logo
Freescale Semiconductor...
K40P121M100SF2V2 FREESCALE-K40P121M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
K40P100M72SF1 FREESCALE-K40P100M72SF1 Datasheet
1Mb / 73P
   K40 Sub-Family
K40P104M100SF2 FREESCALE-K40P104M100SF2 Datasheet
897Kb / 60P
   K40 Sub-Family Data Sheet
K40P81M100SF2 FREESCALE-K40P81M100SF2 Datasheet
876Kb / 60P
   K40 Sub-Family Data Sheet
K40P144M100SF2 FREESCALE-K40P144M100SF2 Datasheet
1,011Kb / 68P
   K40 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com