Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV400AT55RNIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN29LV400AT55RNIP
Description  4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV400AT55RNIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN29LV400AT55RNIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV400AT55RNIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
This Data Sheet may be revised by subsequent versions
© 2005 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
9
EN29LV400A
Rev. H, Issue Date: 2011/10/27
TABLE 3. OPERATING MODES
4M FLASH USER MODE TABLE
DQ8-DQ15
Operation
CE#
OE#
WE#
Reset#
A0-A17
DQ0-DQ7
Byte#
= VIH
Byte#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
Vcc ± 0.3V
X
X
Vcc ± 0.3V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary
Sector
Unprotect
X
X
X
VID
AIN
DIN
DIN
X
Notes:
L=logic low= VIL, H=Logic High= VIH, VID =11 ± 0.5V, X=Don’t Care (either L or H, but not floating!),
DIN=Data In, DOUT=Data Out, AIN=Address In
TABLE 4. DEVICE IDENTIFICTION (Autoselect Codes)
4M FLASH MANUFACTURER/DEVICE ID TABLE
Note:
1. A8 = H is recommended for Manufacturing ID check. If a manufacturing ID is read with A8=L, the chip will output a
configuration code 7Fh.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be
≤ Vcc (CMOS logic level) for Command Autoselect Mode.
Description
Mode
CE#
OE#
WE#
A17
to
A12
A11
to
A10
A9
2
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
H
1
1Ch
Manufacturer ID:
Eon
L
L
H
X
X
VID
L
XLX
L
L
X
7Fh
Word
L
L
H
22h
B9h
Device ID
(top boot
block)
Byte
L
L
H
X
X
VID
XX
L
X
L
H
X
B9h
Word
L
L
H
22h
BAh
Device ID
(bottom boot
block)
Byte
L
L
H
X
X
VID
XX
L
X
L
H
X
BAh
X
01h
(Protected)
Sector Protection
Verification
L
L
H
SA
X
VID
XX
L
X
H
L
X
00h
(Unprotected)


Similar Part No. - EN29LV400AT55RNIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400AT-45RBC EON-EN29LV400AT-45RBC Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT-45RBCP EON-EN29LV400AT-45RBCP Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT-45RBI EON-EN29LV400AT-45RBI Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT-45RBIP EON-EN29LV400AT-45RBIP Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT-45RTC EON-EN29LV400AT-45RTC Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV400AT55RNIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com