Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL160AL-70BAP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN39SL160AL-70BAP
Description  16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL160AL-70BAP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN39SL160AL-70BAP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN39SL160AL-70BAP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN39SL160AH/L
Rev. C, Issue Date: 2011/09/15
Table 3. OPERATING MODES
16M FLASH USER MODE TABLE
Operation
CE#
OE#
WE#
Reset#
WP#/
ACC
A0-A19
(Note 1)
DQ0-DQ15
Read
L
L
H
H
L / H
AIN
DOUT
Write
L
H
L
H
(Note 1)
AIN
DIN
CMOS Standby
Vcc ±
0.2V
X
X
Vcc±
0.2V
X
X
High-Z
Output Disable
L
H
H
H
X
X
High-Z
Hardware Reset
X
X
X
L
X
X
High-Z
Temporary Block
Unprotect
X
X
X
VID
(Note 1)
AIN
DIN
Block Group Protect
(Note 2)
L
H
L
VID
X
Block Address,
A6 =L, A1 = H,
A0 = L
DIN
Chip Unprotect
(Note 2)
L
H
L
VID
(Note 1)
Block Address,
A6 =L, A1 = H,
A0 = L
DIN
L=logic low= VIL, H=Logic High= VIH, VID = VHH =10.0 ± 1.0V, X=Don’t Care (either L or H, but not floating!),
DIN=Data In, DOUT=Data Out, AIN=Address In,
Notes:
1.
If WP#/ACC = VIL , the first or last blocks are protected. If WP#/ACC = VIH the first or last block protection depends on whether
they were last protected or unprotected. If WP#/ACC = VHH, all blocks will be unprotected.
2.
Please refer to “Block Group Protection and Chip Unprotection “, Flowchart 7a and Flowchart 7b.
Table 4. DEVICE IDENTIFICTION (Autoselect Codes)
16M FLASH MANUFACTURER/DEVICE ID TABLE
Note:
1. If a manufacturing ID is read with A8=L, the chip will output a configuration code 7Fh. A further Manufacturing ID must be
read with A8=H.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be ≤ Vcc (CMOS logic level) for Command Autoselect Mode.
Description
CE# OE#
WE#
A19
to
A12
A11
to
A10
A9
2
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
1Ch
Manufacturer ID:
Eon
L
L
H
X
X
VID
H
1
L
XL
X
L
L
X
7Fh
Device ID
(top boot block)
L
L
H
X
X
VID
X
X
L
X
L
H
27h
4Ah
Device ID
(bottom boot block)
L
L
H
X
X
VID
X
X
L
X
L
H
27h
4Bh
X
01h
(Protected)
Block Protection
Verification
L
L
H
SA
X
VID
XX
L
X
H
L
X
00h
(Unprotected)


Similar Part No. - EN39SL160AL-70BAP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL160AL-70BAP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com