Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL160AL-70NIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN39SL160AL-70NIP
Description  16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL160AL-70NIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN39SL160AL-70NIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL160AL-70NIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN39SL160AH/L
Rev. C, Issue Date: 2011/09/15
FEATURES
• Single power supply operation
- Full voltage range:1.65-1.95 volt for read and
write operations.
- Ideal for battery-powered applications.
• High performance
- Access times as fast as 70 ns
• Low power consumption (typical values at 5
MHz)
- 5 mA typical active read current
- 15 mA typical program/erase current
- 0.2
μA typical standby current
• Uniform Sector Architecture:
- 512 sectors of 2-Kword
- 32 blocks of 32-Kword
- Any sector or block can be erased individually
• WP#/ACC Input pin:
- Write protect (WP#) function allows protection
the first or last blocks, regardless of block
protect status
- Acceleration (ACC) function acceleration
program timing.
• Block Group protection:
- Hardware locking of blocks to prevent
program or erase operations within individual
blocks
- Additionally, temporary Block Unprotect
allows code changes in previously locked
blocks.
• High performance program/erase speed
- Word program time: 8µs typical
- Sector erase time: 90ms typical
- Block erase time: 180ms typical
- Chip erase time: 4s typical
• JEDEC Standard Embedded Erase and
Program Algorithms
• JEDEC standard DATA# polling and toggle
bits feature
• Single Sector, Block and Chip Erase
• Chip Unprotect Mode
• Erase Suspend / Resume modes:
Read or program another Sector/Block during
Erase Suspend Mode
• Low Vcc write inhibit < 1.2V
• Minimum 100K endurance cycle
• Package Options
- 48-ball 6mm x 8mm TFBGA
- 48-ball 4mm x 6mm WFBGA
• Industrial temperature Range
GENERAL DESCRIPTION
The EN39SL160AH/L is a 16-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 1,048,576 words. Any word can be programmed typically in 8µs.The EN39SL160AH/L
features 1.8V voltage read and write operation, with access time as fast as 70ns to eliminate the need for
WAIT statements in high-performance microprocessor systems.
The EN39SL160AH/L has separate Output Enable (OE#), Chip Enable (CE#), and Write Enable (WE#)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector/Block
or full chip erase operation, where each block can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of 100K
program/erase cycles on each sector or block.
EN39SL160AH/L
16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform
Sector, CMOS 1.8 Volt-only


Similar Part No. - EN39SL160AL-70NIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL160AL-70NIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com