Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV320CT-70BIP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29LV320CT-70BIP
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320CT-70BIP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29LV320CT-70BIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV320CT-70BIP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN29LV320C
Rev. B, Issue Date: 2011/05/13
TABLE 5. Autoselect Codes (Using High Voltage, V
B
IDB)
32M FLASH MANUFACTURER/DEVICE ID TABLE
32M FLASH SECURED SILICON SECTOR TABLE
3
L=logic low= VIL, H=Logic High= VIH, VID = 9 ± 0.5V, X=Don’t Care (either L or H, but not floating!), SA=Sector
Addresses
Note:
1. A8 = H is recommended for Manufacturing ID check. If a manufacturing ID is read with A8=L, the chip will output
a configuration code 7Fh.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be ≤ Vcc (CMOS logic level) for Command Autoselect
Mode.
3. 32M FLASH SECURED SILICON SECTOR TABLE is valid only in Secured Silicon Sector.
4.
AC Waveform for Secured Silicon Sector Lock / Verification Operations Timings
Description
CE#
OE#
WE#
A20
to
A12
A11
to
A10
A9
P
2
P
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7 to DQ0
H
P
1
P
1Ch
Manufacturer ID:
Eon
L
L
H
X
X
V
B
IDB
L
XLXL
L
X
7Fh
Word
L
L
H
22h
F6h
Device ID
(top boot
sector)
Byte
L
L
H
X
X
V
B
IDB
XX
L
X
L
H
X
F6h
Word
L
L
H
22h
F9h
Device ID
(bottom boot
sector)
Byte
L
L
H
X
X
V
B
IDB
XX
L
X
L
H
X
F9h
X
01h
(Protected)
Sector Protection
Verification
L
L
H
SA
X
V
B
IDB
XX
L
X
H
L
X
00h
(Unprotected)
Description
CE#
OE#
WE#
A21
to
A12
A11
to
A10
A9
P
2
P
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Secured Silicon
Sector Lock
4
L
V
B
IDB
X
X
V
B
IDB
XX
L
X
H
L
X
X
X1h
(Locked)
Secured Silicon
Sector Lock Bit
Verification
(DQ0)
4
L
L
H
X
X
V
B
IDB
XX
L
X
H
L
X
X0h
(Unlocked)
Lock : 150μs
>1μs
>0.4μs
A6, A1, A0
tVIDR
tVIDR
Valid
Valid
Valid
Valid
0V
0V
VID
Vcc
Verify
VID


Similar Part No. - EN29LV320CT-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70B EON-EN29LV320AB-70B Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BI EON-EN29LV320AB-70BI Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BIP EON-EN29LV320AB-70BIP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320CT-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com