Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4916GG Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TDA4916GG
Description  SMPS-IC with MOSFET Driver Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4916GG Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA4916GG Datasheet HTML 6Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 7Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 8Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 9Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 10Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 11Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 12Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 13Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TDA 4916 GG
Semiconductor Group
10
05.96
Absolute Maximum Ratings
T
A = – 40 to 85 °C
Parameter
Symbol
Limit Values Unit
Test Condition
min.
max.
Supply voltage;
V
S,VS QSIP
I OP, I K1, I K3, I K4, I K5, I K6,
I SYN
Q SYN
V
S,VVS QSIP
V
I
V
I SYN
I
I SYN
V
Q SYN
– 0.3
– 0.3
0
–3
– 0.3
17
17
5
3
5
V
V
V
mA
V
V
I SYN > 5 V or
V
I SYN < 0 V
Frequency Generator;
C
T, RT
V
CT, RT
I
CT, RT
– 0.3
0
5
3
V
mA
V
CT > 5 V
Ramp Generator;
C
R
V
CR
I
CR
– 0.3
0
V
CRH
3
V
mA
V
CRH (see charact.)
V
CR > VCRH
Reference voltage;
V
REF
V
REF
I
REF
– 0.3
–10
6
10
V
mA
V
REF > 6 V or
V
REF < – 0.3 V
Output Opamp; Q OP
Inhibited
Conducting
V
QOP
I
QOP
– 0.3
0
17
5
V
mA
Output Overcurrent Turn-OFF;
QK6
Inhibited
Conducting
V
QK6
I
QK6
– 0.3
0
17
5
V
mA
Driver output; Q SIP
V
Q SIP
– 0.3
V
S
V
1)
Q SIP clamping diodes
I
Q SIP
–10
10
mA
V
Q SIP > VS or
V
Q SIP < – 0.3 V
Soft start;
C
SS
V
CSS
I
CSS
– 0.3
0
V
SSH
100
V
µA
V
SSH (see charact.)
V
SS > VSSH
Pulse omission; PO
V
PO
I
PO
– 0.3
0
V
POH
3
V
mA
V
POH (see charact.)
V
PO > VPOH
Series feed; SF
V
SF
– 0.3
17
V
Junction temperature
T
j
– 65
150
°C
Storage temperature
T
s
– 65
150
°C
Thermal resistance
system - ambient
R
th S/A
60
K/W
The values refer to the two connected ground terminals.
1) Important: observe max. power loss or junction temperature.


Similar Part No. - TDA4916GG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
More results

Similar Description - TDA4916GG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
   MOSFET Driver IC with Over-Voltage Protection
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com