Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S16 Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S16 Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN25S16 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
2
EN25S16
Rev. H, Issue Date: 2011/12/16
Figure.1 CONNECTION DIAGRAMS
Table 1. Pin Names
Symbol
Pin Name
CLK
Serial Clock Input
DI (DQ0)
Serial Data Input (Data Input Output 0)
*1
DO (DQ1)
Serial Data Output (Data Input Output 1)
*1
CS#
Chip Enable
WP# (DQ2)
Write Protect (Data Input Output 2)
*2
NC(DQ3)
Not Connect (Data Input Output 3)
*2
Vcc
Supply Voltage (1.65-1.95 V)
Vss
Ground
NC
No Connect
Note:
1. DQ0 and DQ1 are used for Dual and Quad instructions.
2. DQ0 ~ DQ3 are used for Quad instructions.
8 - LEAD VSOP
DO (DQ1)
WP# (DQ2)
VSS
CS#
DI (DQ0)
CLK
NC (DQ3)
VCC
1
2
3
4
8
7
6
5
8 - LEAD VDFN
DO (DQ1)
WP# (DQ2)
VSS
CS#
DI (DQ0)
CLK
NC (DQ3)
VCC
1
2
3
4
8
7
6
5


Similar Part No. - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com