Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4862 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TDA4862
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4862 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TDA4862 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 9Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 10Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 11Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 12Page - Siemens Semiconductor Group TDA4862 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TDA 4862
Semiconductor Group
9
1998-02-16
Operating Range
1) V
CCON means VCCH has been exceeded but the supply voltage is still above VCCL. The device has switched from
standby to active. For
VCCH and VCCL values see Electrical Characteristics. If 0 V < VCC < VCCON, the device
is in standby and output GTDRV is active low.
Absolute Maximum Ratings
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage at
V
CC
Pin 8
supply + Z-current
V
CC-GND
Pin 8
Current into
GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
V
CC
I
CCZ
I
GTDRV
I
GTDCH
I
GTDCL
– 0.3
0
– 400
– 100
70
500
100
V
mA
mA
mA
mA
observe
P
max
observe
P
max
V
GTDRV > VCC
V
GTDRV < – 0.3 V
Voltage at
V
SENSE
Pin 1
Voltage at
V
AOUT
Pin 2
Voltage at
MULTIN
Pin 3
Voltage at
I
SENSE
Pin 4
Current into
DETIN
Pin 5
Current into
DETIN
Pin 5
V
VSENSE
V
VAOUT
V
MULTIN
V
ISENSE
I
DETINH
I
DETINL
– 0.3
– 0.3
– 0.3
–10
–10
17
6
17
17
50
V
V
V
V
mA
mA
V
DETIN >6 V
V
DETIN < 0.9 V
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal resistance system-air
TDA 4862
TDA 4862 G
R
thSA
R
thSA
100
180
K/W
K/W
P-DIP-8-1
P-DSO-8-1
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage
V
CC
V
CCON
V
Z
V
1)
Z-current
I
Z
0
50
mA
observe
P
max
Junction temperature
T
j
– 40
150
°C–
Voltage at
I
SENSE
V
ISENSE
– 5
V
Z
V–


Similar Part No. - TDA4862

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4862

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com