Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0033.2512-ND Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0033.2512-ND
Description  VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0033.2512-ND Datasheet(HTML) 1 Page - Schurter Inc.

  0033.2512-ND Datasheet HTML 1Page - Schurter Inc. 0033.2512-ND Datasheet HTML 2Page - Schurter Inc. 0033.2512-ND Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Approvals / Approbationen
SEV
(6,3 A / 250 V)
UL
(10 A / 250 V)
CSA
(6,3 A / 250 V)
www.schurter.com
189
VOLTAGE SELECTOR SWITCHES / SPANNUNGSWÄHLER
SWS, SWP
Type SWS (6 positions)
With shock-safe fuseholder
5 x 20 mm,
Series-parallel connections
for panel mounting,
set by screwdriver or coin.
Solder terminals or quick
connect terminals
2,8 x 0,5 mm
Typ SWS (6stufig)
Mit berührungssicherem
G-Sich.-Halter 5 x 20 mm,
Serie-Parallelschaltung,
für Frontplattenmontage,
mit Münze oder Schrauben-
zieher einstellbar.
Lötanschlüsse oder Steck-
anschlüsse 2,8 x 0,5 mm
Order No. / Bestell-Nr.
See page 192 / Siehe Seite 192
Panel mounting hole /
Durchbruch in Montageplatte
Type SWP (6 positions)
Step switch
for panel mounting
set by screwdriver
or coin.
Solder terminals
Typ SWP (6stufig)
Stufenschaltung
für Frontplattenmontage,
mit Münze oder Schrauben-
zieher einstellbar.
Lötanschlüsse
Order No. / Bestell-Nr.
See page 192 / Siehe Seite 192
Panel mounting hole /
Durchbruch in Montageplatte
Technical data:
• Rated voltage/current
6,3 A/250 V
• Material:
– Socket:
thermoplastic, black,
UL 94V-0
Technische Daten
• Nennspannung/Nennstrom:
6,3 A/250 V
• Material:
– Sockel:
Thermoplast, schwarz,
UL 94V-0
Other voltage markings see page 192 (min. order quantity 100 pieces) /
Andere Spannungswerte siehe Seite 192 (Bestellmenge min. 100 Stück)
Standards / Normen
IEC/EN 61058-2-5, IEC/EN 60127-6, UL 508, CSA C 22.2/55
Patents / Patente
No. 4.072.385 (conc. fuseholder / betrifft G-Sicherungshalter)
Diagram: reverse view /
Schema: Ansicht rückseitig
external connection /
externe Verbindung
Power
mains / Netz
Additional technical data see page 186 /
Zusätzliche technische Daten siehe Seite 186
50
75
100
Standards / Normen
IEC/EN 61058-2-5, UL 508,
CSA C 22.2/55
Approvals / Approbationen
SEV
(6,3 A / 250 V)
UL
(6,3 A / 250 V)
CSA
(6,3 A / 250 V)


Similar Part No. - 0033.2512-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0033.3501 SCHURTER-0033.3501 Datasheet
226Kb / 3P
   Voltage selector switch, 6 stages, serie-parallel, panel mounting
0033.3502 SCHURTER-0033.3502 Datasheet
226Kb / 3P
   Voltage selector switch, 6 stages, serie-parallel, panel mounting
0033.3503 SCHURTER-0033.3503 Datasheet
226Kb / 3P
   Voltage selector switch, 6 stages, serie-parallel, panel mounting
0033.3504 SCHURTER-0033.3504 Datasheet
226Kb / 3P
   Voltage selector switch, 6 stages, serie-parallel, panel mounting
0033.3505 SCHURTER-0033.3505 Datasheet
226Kb / 3P
   Voltage selector switch, 6 stages, serie-parallel, panel mounting
More results

Similar Description - 0033.2512-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0033.4504 SCHURTER-0033.4504 Datasheet
190Kb / 2P
   VOLTAGE SELECTOR SWITCHES
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com