Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK20DX128VLF5 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MK20DX128VLF5
Description  K20 Sub-Family
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK20DX128VLF5 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MK20DX128VLF5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK20DX128VLF5 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
5.2 Nonswitching electrical specifications
5.2.1 Voltage and current operating requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VBAT
RTC battery supply voltage
1.71
3.6
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
V
IICIO
I/O pin DC injection current — single pin
• VIN < VSS-0.3V (Negative current injection)
• VIN > VDD+0.3V (Positive current injection)
-3
+3
mA
1
IICcont
Contiguous pin DC injection current —regional limit,
includes sum of negative injection currents or sum of
positive injection currents of 16 contiguous pins
• Negative current injection
• Positive current injection
-25
+25
mA
VRAM
VDD voltage required to retain RAM
1.2
V
VRFVBAT
VBAT voltage required to retain the VBAT register file
VPOR_VBAT
V
1. All analog pins are internally clamped to VSS and VDD through ESD protection diodes. If VIN is greater than VAIO_MIN
(=VSS-0.3V) and VIN is less than VAIO_MAX(=VDD+0.3V) is observed, then there is no need to provide current limiting
resistors at the pads. If these limits cannot be observed then a current limiting resistor is required. The negative DC
injection current limiting resistor is calculated as R=(VAIO_MIN-VIN)/|IIC|. The positive injection current limiting resistor is
calcualted as R=(VIN-VAIO_MAX)/|IIC|. Select the larger of these two calculated resistances.
General
K20 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
11


Similar Part No. - MK20DX128VLF5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK20DX128VLF5 NXP-MK20DX128VLF5 Datasheet
2Mb / 60P
   K20 Sub-Family
Rev. 4 5/2012
More results

Similar Description - MK20DX128VLF5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K20P121M100SF2 NXP-K20P121M100SF2 Datasheet
2Mb / 75P
   K20 Sub-Family
Rev. 7, 02/2013
K20P121M100SF2V2 NXP-K20P121M100SF2V2 Datasheet
1Mb / 80P
   K20 Sub-Family
Rev. 3, 6/2013
K20P81M72SF1 NXP-K20P81M72SF1 Datasheet
2Mb / 71P
   K20 Sub-Family
Rev. 3, 11/2012
logo
Freescale Semiconductor...
K20P64M50SF0 FREESCALE-K20P64M50SF0 Datasheet
1Mb / 62P
   K20 Sub-Family
logo
NXP Semiconductors
K20P64M50SF0 NXP-K20P64M50SF0 Datasheet
2Mb / 62P
   K20 Sub-Family
Rev. 4 5/2012
K20P100M72SF1 NXP-K20P100M72SF1 Datasheet
2Mb / 73P
   K20 Sub-Family
Rev. 3, 11/2012
K20P144M100SF2V2 NXP-K20P144M100SF2V2 Datasheet
1Mb / 82P
   K20 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
   K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
   K20 Sub-Family
logo
NXP Semiconductors
K20P144M120SF3 NXP-K20P144M120SF3 Datasheet
1Mb / 83P
   K20 Sub-Family
Rev. 7, 02/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com