Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC600F560JT250XT Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # ATC600F560JT250XT
Description  RF Power LDMOS Transistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC600F560JT250XT Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  ATC600F560JT250XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC600F560JT250XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
5
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 5. AFT05MS031NR1 Narrowband Test Circuit Component Layout — 520 MHz
C10
C9
C13 C14
C15
C16
C11
C12
C7
C2
C8
L2
C5
C3
L1
C4
C6
AFT05MS031N
Rev. 1
C1
B2
C17
C18
B1
B3
Table 6. AFT05MS031NR1 Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1, B2, B3
RF Beads, Long
2743021447
Fair--Rite
C1
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C14
0.01 μF Chip Capacitors
C0805C103K5RAC
Kemet
C3, C13
0.1 μF Chip Capacitors
CDR33BX104AKWS
Kemet
C4
200 pF Chip Capacitor
ATC100B201JT300XT
ATC
C5
6.2 pF Chip Capacitor
ATC100B6R2JT500XT
ATC
C6
3.9 pF Chip Capacitor
ATC100B3R9JT500XT
ATC
C7, C16
180 pF Chip Capacitors
ATC100B181JT200XT
ATC
C8
10 pF Chip Capacitor
ATC100B100JT500XT
ATC
C9, C10, C11, C12
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C15
27 pF Chip Capacitor
ATC100B270JT500XT
ATC
C17
7.5 pF Chip Capacitor
ATC100B7R5JT500XT
ATC
C18
470 μF, 63 V Electrolytic Capacitor
SME63V471M12X25LL
United Chemi--Con
L1
43 nH, 10 Turn Inductor
B10TJLC
Coilcraft
L2
56 nH Inductor
1812SMS--56NJLC
Coilcraft
PCB
0.030″, εr =2.55
AD255A
Arlon


Similar Part No. - ATC600F560JT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC600F5R1BT250XT NXP-ATC600F5R1BT250XT Datasheet
690Kb / 8P
   RF Power LDMOS Transistor
logo
Freescale Semiconductor...
ATC600F5R6BT250XT FREESCALE-ATC600F5R6BT250XT Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
ATC600F5R6BT250XT FREESCALE-ATC600F5R6BT250XT Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
ATC600F5R6BT250XT NXP-ATC600F5R6BT250XT Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
ATC600F5R6BT250XT NXP-ATC600F5R6BT250XT Datasheet
255Kb / 8P
   RF Power LDMOS Transistor
Rev. 0, 02/2019
More results

Similar Description - ATC600F560JT250XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com