Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4700 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TDA4700
Description  Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4700 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TDA4700 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 9Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 10Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 11Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 12Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 13Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 14Page - Siemens Semiconductor Group TDA4700 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TDA 4700
TDA 4718
Semiconductor Group
11
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Supply voltage
Voltage at Q1, Q2
V
S
V
Q
– 0.3
– 0.3
33
33
V
V
Q1, Q2 high
Current at Q1, Q2
I
Q
70
mA
Q1, Q2 low
Symmetry 1, 2 TDA 4700; A
V
SYM
– 0.3
33
V
Sync output
V
SYNC Q
I
SYNC Q
– 0.3
0
7
10
V
mA
SYNC Q high
SYNC Q low
Sync input
Input
C
filter
Input
R
T
Input
C
T
Input
R
R
Input
C
R
Input comparator
K2, K5, K6, K7
V
SYNC I
V
I Cf
V
IRT
V
ICT
V
IRR
I
ICR
V
I K
– 0.3
– 0.3
– 0.3
– 0.3
– 0.3
–10
– 0.3
33
7
7
7
7
10
33
V
V
V
V
V
mA
V
Output K5
V
Q K5
– 0.3
33
V
Input op amp
TDA 4700; A
V
I Op Amp
– 0.3
33
V
Output op amp TDA 4700; A
V
Q Op Amp
– 0.3
V
S –1
max. 7
V
V
Reference voltage
V
REF
– 0.3
V
REF
V
Input
C
soft start
V
I soft start
– 0.3
7
V
Junction temperature
Storage temperature
T
j
T
stg
–55
150
125
°C
°C
Thermal resistance
system - air
TDA 4700; A
TDA 4718
TDA 4718 A
R
th SA
R
th SA
R
th SA
65
70
60
K/W
K/W
K/W


Similar Part No. - TDA4700

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
TDA4716C SIEMENS-TDA4716C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
NXP Semiconductors
TDA4725 PHILIPS-TDA4725 Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
TDA4725T PHILIPS-TDA4725T Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
logo
Sharma Electro Componen...
TDA474K35CB SHARMA-TDA474K35CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDA4700

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com