Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5483-15AX Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5483-15AX
Description  2.5 LOW PROFILE WAFER ASSY WITH KINK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5483-15AX Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5483-15AX Datasheet HTML 1Page - Molex Electronics Ltd. 5483-15AX Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 5483-15AX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
54831 HP-54831 Datasheet
1Mb / 30P
   Infiniium 54830 Series Oscilloscopes
logo
List of Unclassifed Man...
54833 ETC2-54833 Datasheet
300Kb / 1P
   Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
OSRAM GmbH
54835 OSRAM-54835 Datasheet
76Kb / 1P
   Upgrades For Popular Projjecttiion Lamps
54836 OSRAM-54836 Datasheet
76Kb / 1P
   Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
548370 FESTO-548370 Datasheet
80Kb / 1P
   Pneumatic shock absorber
12/6/22
More results

Similar Description - 5483-15AX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-11-1101 MOLEX11-22-11-1101 Datasheet
170Kb / 2P
   KK 2.5 WAFER ASSY WITH LOCK
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
   KK 3.96 WAFER ASSY WITH LOCK
10-31-1068 MOLEX11-10-31-1068 Datasheet
58Kb / 1P
   KK 5/7.5 WAFER ASSY WITH LOCK
09-65-2029 MOLEX11-09-65-2029 Datasheet
85Kb / 1P
   KK 3.96 / 7,92 WAFER ASSY WITH LOCK
0022121042 MOLEX1-0022121042 Datasheet
61Kb / 1P
   KK2.5 RIGHT ANGLE WAFER ASSY
5274-04A MOLEX-5274-04A Datasheet
79Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
09-75-2024 MOLEX11-09-75-2024 Datasheet
80Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
0039536164 MOLEX1-0039536164 Datasheet
262Kb / 4P
   QIK FLECS WAFER ASSY STJAPANESE ONLY
0535053071 MOLEX11-0535053071 Datasheet
258Kb / 3P
   1.25 DUAL W/B CONN WAFER ASSY
53258-0449 MOLEX11-53258-0449 Datasheet
91Kb / 1P
   3.5 W-To-B Conn WAFER Assy (ST.) WITH BOSS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com