Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67000-A5181 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67000-A5181
Description  Dual Conversion AM Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5181 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67000-A5181 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A5181 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TDA 4360X
Semiconductor Group
7
04.96
3.2
Operating Range
Note: In the operating range the functions given in the circuit description are fulfilled.
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage
V
S
7.5
13.2
V
Ambient temperature
T
A
– 40
+ 85
°C
3.3
AC/DC Characteristics
V
S = 10 V, TA = + 25 °C, fIF1 = 10.7 MHz, fIF2 = 456 kHz, fi = 1MHz
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min.
typ.
max.
Current
consumption
I
S
55
mA
Mixer 1
Intercept point
3. order
110
dB
µV
V
i ≥ 100 mVrms
Mixer gain
5
dB
V
in = 10 mV,
1.8 k
Ω load
Max. input
voltage
V
i
600
mVpp
Noise figure
(10 MHz)
F
10
dB
1. LO
Frequency
range
f
1.LO
100
140
MHz
Counter output
V
C
100
mVpp


Similar Part No. - Q67000-A5181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A5183 SIEMENS-Q67000-A5183 Datasheet
923Kb / 39P
   Audioprocessor
Q67000-A5184 SIEMENS-Q67000-A5184 Datasheet
254Kb / 17P
   Multistandard Sound IF
Q67000-A5186 SIEMENS-Q67000-A5186 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

Similar Description - Q67000-A5181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13030 MOTOROLA-MC13030 Datasheet
389Kb / 16P
   DUAL CONVERSION AM RECEIVER
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com