Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0311 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0311
Description  Power entry modules without line filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0311 Datasheet(HTML) 2 Page - Schurter Inc.

  0311 Datasheet HTML 1Page - Schurter Inc. 0311 Datasheet HTML 2Page - Schurter Inc. 0311 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power entry modules without line filter
8842/8843
www.schurter.com/pg05
Connectors
Diagrams
6200/05
N
E
L
L
6220
Derating Curves
1-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
2-pole
0
20
40
60
80
100
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.2
0.2
0.4
0.8
0.6
1.0
Ambient Air Temperature Ta °C
Variants
Socketandfuse-carrier
Protection Class
Fuseholder
Housing
Order Number
1
1-pole
black
0040.5012
1
2-pole
black
0040.5000.2
1
2-pole
Grey
0040.5001.2
2
2-pole
black
0040.5015
Packaging unit
100Pcs
Mating Outlets/Connectors
Category / Description
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to8842/8843
...
Interconnection Cord Overview complete
Interconnection Cord C13/C14, 10 A
6007.0212
Interconnection Cord C13/C14, 10 A
6007.0214
Interconnection Cord further types to8842/8843


Similar Part No. - 0311

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0311 SCHURTER-0311 Datasheet
391Kb / 3P
   Power Cord with IEC Connector C13, Angled
logo
Heyco.
0311 HEYCO-0311 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Christian Bürkert GmbH ...
0311 BURKERT-0311 Datasheet
470Kb / 2P
   Operating Instructions
22.09.2017
logo
STEGO Elektrotechnik Gm...
03110.0-00 STEGO-03110.0-00 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
03110.9-00 STEGO-03110.9-00 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
More results

Similar Description - 0311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
   POWER ENTRY MODULES WITHOUT LINE FILTER
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
   Power Entry Modules
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
   POWER ENTRY MODULES
logo
XP Power Limited
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
   IEC Power Entry Inlet with Line Filter
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
   IEC Power Entry Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
   IEC Power Entry Inlet with Line Filter
logo
XFMRS Inc.
XF0364-VPCMC XFMRS-XF0364-VPCMC Datasheet
37Kb / 1P
   DATA LINE FILTER MODULES
XF0053-CS3 XFMRS-XF0053-CS3 Datasheet
36Kb / 1P
   DATA LINE FILTER MODULES
XF0364-VPCMC XFMRS-XF0364-VPCMC_15 Datasheet
37Kb / 1P
   DATA LINE FILTER MODULES
XF0364-VPCMC XFMRS-XF0364-VPCMC Datasheet
37Kb / 1P
   DATA LINE FILTER MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com