Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35.0664-ND Datasheet(PDF) 1 Page - Schurter Inc.

Part # 35.0664-ND
Description  LFM (with T1 LED)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

35.0664-ND Datasheet(HTML) 1 Page - Schurter Inc.

  35.0664-ND Datasheet HTML 1Page - Schurter Inc. 35.0664-ND Datasheet HTML 2Page - Schurter Inc. 35.0664-ND Datasheet HTML 3Page - Schurter Inc. 35.0664-ND Datasheet HTML 4Page - Schurter Inc. 35.0664-ND Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
LFM (with T1 LED)
LFM (mit 3mm LED)
Ausführungen
Models
Abmessungen
Dimensions
Technische Daten
/ Technical data
1. Elektrische Kennwerte / Electrical data
2. Sonstige Kennwerte / Other data
Lötbarkeit / Solderability
max. 2s 235 °C
( IEC 68 2-20 Test Ta Methode 1 )
Lötwärmebeständigkeit / Soldering heat resistance
max. 5s 350 °C
( IEC 68 2-20 Test Tb Methode 1B )
Umgebungstemperatur / Ambient temperature
-25°C ... + 55°C
Lagertemperatur / Storage temperature
-55°C ... +100°C
Schutzklasse / Degree of protection
IP 40
3. Werkstoffe / Materials
Messing verchromt / Brass chromium-plated
Technische Daten der LED 0925.0029/30/67 siehe S.100/101 / Technical data LED 0925.0029/30/67 see p.100/101
Stromaufnahme / Current input
Gehäuse / Body
Kupfer verzinnt / Copper tinned
Lötanschlüsse / Solder Terminals
Messing vernickelt / Brass nickel-plated
Mutter / Nut
10 mA mit Vorwiderstand / With built-in resistor
4. Montageart / Mounting type
Frontplattenmontage mit Lötanschlüssen / Frontpanel mounting with solder terminals
Frontplattenbohrung
Frontpanel drilling
mit Vor-
widerstand
with built-in
resistor
ohne Vor-
widerstand
without built-in
resistor
Innenreflektor
Internal reflector


Similar Part No. - 35.0664-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
35.1262 SCHURTER-35.1262 Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
35.1262-ND SCHURTER-35.1262-ND Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
35.1271 SCHURTER-35.1271 Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
35.1271-ND SCHURTER-35.1271-ND Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
35.128 SCHURTER-35.128 Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
More results

Similar Description - 35.0664-ND

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150-M EMERSON-NETWORKPOWER-TLP150-M Datasheet
784Kb / 4P
   150 W on main channel with only 200 LFM
TLP150 EMERSON-NETWORKPOWER-TLP150 Datasheet
837Kb / 4P
   150 W on main channel with only 200 LFM
logo
P-tec Corporation
PL03G-WCB20Z P-TEC-PL03G-WCB20Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDG13 P-TEC-PL01-CDG13 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDY01 P-TEC-PL01-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW13Z P-TEC-PL03F-WCW13Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW24Z P-TEC-PL03F-WCW24Z Datasheet
30Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR21 P-TEC-PL07-CDR21 Datasheet
29Kb / 1P
   3mm (T1) LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com