Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0040.1211 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0040.1211
Description  TEST JACKS, TEST PROBES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0040.1211 Datasheet(HTML) 1 Page - Schurter Inc.

  0040.1211 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEST JACKS, TEST PROBES
2 mm
PCB mounting
PBD
0040.1211
black
0040.1212
red
0040.121 3
green
6,3 A
<10 m Ω
> 10 4 MΩ
> 10 4 MΩ
> 2 kV
> 2 kV
–25 °C up to +100 °C
–25 ° C up to +70 °C
5 sec., 260 °C IEC 68-2-20 test Tb, test method 1 A
2,5 µm Au
Flux-p roof terninals
50
75
100
Type
Order No.
Color
Contact system
Rated current
Contact resistance
a t 20 mV
Insulation resistance, 1 min.
contact to contact
Contact/mounting plate
Dielectric strength,
50 Hz, 1 min.
contact to contact
Contact/mounting plate
Temperature at no current
at rated current
Solderability
2 sec., 235 °C IEC 68-2-20 test Ta, test method 1
Resistance to soldering heat
Surface of contacts
(average thickness)
Tin-plated contacts on request


Similar Part No. - 0040.1211

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0040.1211 SCHURTER-0040.1211 Datasheet
268Kb / 2P
   PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
More results

Similar Description - 0040.1211

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
   TEST JACKS
AC283 ETC2-AC283 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
   TP175 TwistGuard™ Test Probes
logo
List of Unclassifed Man...
AC285 ETC2-AC285 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com