Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDW2032BBBG Datasheet(PDF) 10 Page - Elpida Memory

Part # EDW2032BBBG
Description  2G bits GDDR5 SGRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDW2032BBBG Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDW2032BBBG Datasheet HTML 6Page - Elpida Memory EDW2032BBBG Datasheet HTML 7Page - Elpida Memory EDW2032BBBG Datasheet HTML 8Page - Elpida Memory EDW2032BBBG Datasheet HTML 9Page - Elpida Memory EDW2032BBBG Datasheet HTML 10Page - Elpida Memory EDW2032BBBG Datasheet HTML 11Page - Elpida Memory EDW2032BBBG Datasheet HTML 12Page - Elpida Memory EDW2032BBBG Datasheet HTML 13Page - Elpida Memory EDW2032BBBG Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EDW2032BBBG
Data Sheet E1864E10 (Ver. 1.0)
10
1.6
Commands
Table 6: Command Truth Table
Notes: 1.
H = logic high level; L = logic low level; X = Don’t Care. Signal may be H or L, but not floating.
2.
Addresses shown are logical addresses; physical addresses are inverted when address bus inversion (ABI) is
activated and /ABI=L.
3.
BA0-BA3 provide the Mode Register address (MRA), A0-A11 the opcode to be loaded.
4.
BA0-BA3 provide the bank address (BA), A0-A12 provide the row address (RA).
5.
BA0-BA3 provide the bank address, A0-A5 (A6) provide the column address (CA); no sub-word addressing within a
burst of 8.
6.
This command is REFRESH when /CKE(n) = L, and SELF-REFRESH ENTRY when /CKE(n) is H.
7.
BA0-BA2 select burst location (BST) and A0-A9, BA3 provide the data.
8.
DESELECT and NO OPERATION are functionally interchangeable.
9.
In address training mode READ is decoded from the command pins only with /RAS = H, /CAS = L, /WE= H.
Operation
Code
/CKE
n-1
/CKE
n
/CS
/RAS /CAS /WE
BA3-
BA0
A11 A10 A8
A6-A7,
A9,A12
A0-A5
(A6)
Note
DESELECT
DESEL
L
X
H
X
X
X
X
XXXX
X
2,8
NO OPERATION
(NOP)
NOP
L
X
L
H
H
H
X
XXXX
X
2,8
MODE REGISTER
SET
MRS
L
L
L
L
L
L
MRA
OPCODE
2,3
ACTIVATE
ACT
L
L
L
L
H
H
BA
RA
2,4
READ
RD
L
L
L
H
L
H
BA
L
L
L
X
CA
2,5,9
READ with
Autoprecharge
RDA
L
L
L
H
L
H
BA
L
L
H
X
CA
2,5
LOAD FIFO
LDFF
L
L
L
H
L
H
BST
H
L
L
DATA
2,7
READ TRAINING
RDTR
L
L
L
H
L
H
X
H
H
L
X
X
2
WRITE without Mask
WR
L
L
L
H
L
L
BA
L
L
L
X
CA
2,5
WRITE without Mask
with Autoprecharge
WRA
L
L
L
H
L
L
BA
L
L
H
X
CA
2,5
WRITE with Single
Byte Mask
WSM
L
L
L
H
L
L
BA
L
H
L
X
CA
2,5
WRITE with
Autoprecharge, Single
Byte Mask
WSMA
L
L
L
H
L
L
BA
L
HHX
CA
2,5
WRITE with Double
Byte Mask
WDM
L
L
L
H
L
L
BA
H
L
L
X
CA
2,5
WRITE with
Autoprecharge,
Double Byte Mask
WDMA
L
L
L
H
L
L
BA
HL
HX
CA
2,5
WRITE TRAINING
WRTR
L
L
L
H
L
L
X
H
H
L
X
X
2
PRECHARGE
PRE
L
L
L
L
H
L
BA
X
X
L
X
X
2
PRECHARGE ALL
PREALL L
L
L
L
H
L
X
X
X
H
X
X
2
REFRESH
REF
L
L
L
L
L
H
X
XXXX
X
6
POWER-DOWN
ENTRY
PDE
L
H
H
X
X
X
X
XXXX
X
LH
H
H
POWER-DOWN
EXIT
PDX
H
L
H
X
X
X
X
XXXX
X
LH
H
H
SELF REFRESH
ENTRY
SRE
L
H
L
L
L
H
X
XXXX
X
6
SELF REFRESH
EXIT
SRX
H
L
H
X
X
X
X
XXXX
X
LH
H
H


Similar Part No. - EDW2032BBBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDW2032BBBG ELPIDA-EDW2032BBBG Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
EDW2032BBBG-6A-F ELPIDA-EDW2032BBBG-6A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
EDW2032BBBG-7A-F ELPIDA-EDW2032BBBG-7A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
More results

Similar Description - EDW2032BBBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDW2032BBBG-7A-F ELPIDA-EDW2032BBBG-7A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
EDW1032BBBG ELPIDA-EDW1032BBBG Datasheet
477Kb / 16P
   1G bits GDDR5 SGRAM
EDW4032BABG-70-F ELPIDA-EDW4032BABG-70-F Datasheet
222Kb / 17P
   4G bits GDDR5 SGRAM
logo
Hynix Semiconductor
H5GQ2H24AFR HYNIX-H5GQ2H24AFR Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
H5GQ1H24AFR HYNIX-H5GQ1H24AFR Datasheet
2Mb / 173P
   1Gb (32Mx32) GDDR5 SGRAM
logo
Elpida Memory
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com