Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ5308BASE-8A-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EDJ5308BASE-8A-E
Description  512M bits DDR3 SDRAM
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ5308BASE-8A-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDJ5308BASE-8A-E Datasheet HTML 4Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 5Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 6Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 7Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 8Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 9Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 10Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 11Page - Elpida Memory EDJ5308BASE-8A-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
EDJ5304BASE, EDJ5308BASE, EDJ5316BASE
Preliminary Data Sheet E0966E60 (Ver. 6.0)
8
Recommended DC Operating Conditions (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD
1.425
1.5
1.575
V
1, 2
Supply voltage for DQ
VDDQ
1.425
1.5
1.575
V
1, 2
Input reference voltage
VREFCA (DC)
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
3, 4
Input reference voltage for DQ
VREFDQ (DC)
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
3, 4
Termination voltage
VTT
VDDQ/2 – TBD
TBD
VDDQ/2 + TBD
V
Notes: 1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than
±1% VDD (for
reference: approx
±15 mV).
4. For reference: approx. VDD/2
± 15 mV.
AC and DC Input Measurement Levels (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
DC input logic high
VIH (DC)
VREF + 0.1
TBD
V
1
DC input logic low
VIL (DC)
TBD
VREF – 0.1
V
1
AC input logic high
VIH (AC)
VREF
+ 0.175
V
1, 2
AC input logic low
VIL (AC)
VREF – 0.175
V
1, 2
Differential input logic high
VIHdiff
+0.200
V
Differential input logic low
VILdiff
–0.200
V
Notes: 1 For DQ and DM: VREF = VREFDQ. For input only pins except /RESET; VREF = VREFCA
2. See Overshoot and Undershoot Specifications section.
Differential Input Logic Levels (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Parameter
Symbol
min.
max.
Unit
Note
AC differential input voltage
VID (AC)
TBD
VDDQ
+ 0.6
V
Differential input cross point voltage
relative to VDD/2
VIX
− 150
150
mV
1
AC differential cross point voltage
VOX (AC)
TBD
TBD
V
Note: 1. To guarantee tight setup and hold times as well as output skew parameters with respect to clock and
strobe, each cross point voltage of differential input signals (CK, /CK and DQS, /DQS) must meet the
requirements in table above.
The differential input cross point voltage VIX is measured from the actual cross point of true and
complement signal to the midlevel between of VDD and VSS.
VIX
VIX
VIX
CK, DQS
VDD
VDD/2
/CK, /DQS
VSS
VIX Definition


Similar Part No. - EDJ5308BASE-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5316DBBG ELPIDA-EDJ5316DBBG Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-AE-F ELPIDA-EDJ5316DBBG-AE-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-DG-F ELPIDA-EDJ5316DBBG-DG-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-DJ-F ELPIDA-EDJ5316DBBG-DJ-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-GL-F ELPIDA-EDJ5316DBBG-GL-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
More results

Similar Description - EDJ5308BASE-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5316DBBG ELPIDA-EDJ5316DBBG Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDS5104ABTA ELPIDA-EDS5104ABTA Datasheet
564Kb / 52P
   512M bits SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com