Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40.1024 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 40.1024
Description  TEST JACKS, TEST PROBES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

40.1024 Datasheet(HTML) 1 Page - Schurter Inc.

  40.1024 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEST JACKS, TEST PROBES
2 mm
PCB mounting
PB
0040.1021
black
0040.1022
red
0040.1023
green
0040.1024
blue
0040.1025
yellow
PB
0040.1071
black
0040.1072
red
0040.1073
green
0040.1074
blue
0040.1075
yellow
PB
0040.1151
black
0040.1152
red
0040.1153
green
0040.1154
blue
0040.1155
yellow
< 7 m
< 10 m
< 7 m
> 104 M
> 104 M
> 104 M
> 2 kV
> 1 kV
> 0,5 kV
> 2 kV
–25 °C up to
+100 °C
–25 °C up to
+70 °C
2 sec., 235 °C IEC 68-2-20 test Ta, test method 1
5 sec., 260 °C IEC 68-2-20 test Tb, test method 1 A
0,5 µm Au
0,5 µm Au
2,0 µm Au
DIN 41649/1
50
75
100
50
75
100
50
75
100
Type / Typ
Order No.
Color
Contact system
Rated current
6,3 A
Contact resistance
at
20 mV
Insulation resistance, 1 min.
contact to contact
Contact/mounting plate
Dielectric strength,
50 Hz, 1 min.
contact to contact
Contact/mounting plate
Temperature at no current
at rated current
Solderability
Resistance to soldering heat
Surface of contacts
(average thickness)
Tin-plated contacts
on request
TEST JACKS, TEST PROBES
2 mm
PCB mounting
PB
0040.1021
black
0040.1022
red
0040.1023
green
0040.1024
blue
0040.1025
yellow
PB
0040.1071
black
0040.1072
red
0040.1073
green
0040.1074
blue
0040.1075
yellow
PB
0040.1151
black
0040.1152
red
0040.1153
green
0040.1154
blue
0040.1155
yellow
< 7 m
< 10 m
< 7 m
> 104 M
> 104 M
> 104 M
> 2 kV
> 1 kV
> 0,5 kV
> 2 kV
–25 °C up to
+100 °C
–25 °C up to
+70 °C
2 sec., 235 °C IEC 68-2-20 test Ta, test method 1
5 sec., 260 °C IEC 68-2-20 test Tb, test method 1 A
0,5 µm Au
0,5 µm Au
2,0 µm Au
DIN 41649/1
50
75
100
50
75
100
50
75
100
Type / Typ
Order No.
Color
Contact system
Rated current
6,3 A
Contact resistance
at
20 mV
Insulation resistance, 1 min.
contact to contact
Contact/mounting plate
Dielectric strength,
50 Hz, 1 min.
contact to contact
Contact/mounting plate
Temperature at no current
at rated current
Solderability
Resistance to soldering heat
Surface of contacts
(average thickness)
Tin-plated contacts
on request


Similar Part No. - 40.1024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
40.1062 SCHURTER-40.1062 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
40.1062-ND SCHURTER-40.1062-ND Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
More results

Similar Description - 40.1024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
   TEST JACKS
AC283 ETC2-AC283 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
   TP175 TwistGuard™ Test Probes
logo
List of Unclassifed Man...
AC285 ETC2-AC285 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com