Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ5308BASE-AC-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDJ5308BASE-AC-E
Description  512M bits DDR3 SDRAM
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ5308BASE-AC-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDJ5308BASE-AC-E Datasheet HTML 3Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 4Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 5Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 6Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 7Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 8Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 9Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 10Page - Elpida Memory EDJ5308BASE-AC-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
EDJ5304BASE, EDJ5308BASE, EDJ5316BASE
Preliminary Data Sheet E0966E60 (Ver. 6.0)
7
Electrical Conditions
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
−0.4 to +1.975
V
1, 3
Power supply voltage for output
VDDQ
−0.4 to +1.975
V
1, 3
Input voltage
VIN
−0.4 to +1.975
V
1
Output voltage
VOUT
−0.4 to +1.975
V
1
Reference voltage
VREFCA
−0.4 to 0.6 × VDD
V
3
Reference voltage for DQ
VREFDQ
−0.4 to 0.6 × VDDQ
V
3
Storage temperature
Tstg
−55 to +100
°C
1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must be no greater than
0.6
× VDDQ, When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2, 3
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be
supported. During operation, the DRAM case temperature must be maintained between 0°C to +85°C
under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between +85°C
and +95°C case temperature. Full specifications are guaranteed in this range, but the following additional
conditions apply:
a)
Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to
3.9μs. (This double refresh requirement may not apply for some devices.)
b)
If Self-refresh operation is required in the Extended Temperature Range, then it is mandatory to
either use the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 bit
[A6, A7] = [0, 1]) or enable the optional Auto Self-Refresh mode (MR2 bit [A6, A7] = [1, 0]).


Similar Part No. - EDJ5308BASE-AC-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5316DBBG ELPIDA-EDJ5316DBBG Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-AE-F ELPIDA-EDJ5316DBBG-AE-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-DG-F ELPIDA-EDJ5316DBBG-DG-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-DJ-F ELPIDA-EDJ5316DBBG-DJ-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDJ5316DBBG-GL-F ELPIDA-EDJ5316DBBG-GL-F Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
More results

Similar Description - EDJ5308BASE-AC-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5316DBBG ELPIDA-EDJ5316DBBG Datasheet
2Mb / 173P
   512M bits DDR3 SDRAM
EDS5104ABTA ELPIDA-EDS5104ABTA Datasheet
564Kb / 52P
   512M bits SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com