Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232JHTA Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS1232JHTA
Description  128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232JHTA Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS1232JHTA Datasheet HTML 2Page - Elpida Memory EDS1232JHTA Datasheet HTML 3Page - Elpida Memory EDS1232JHTA Datasheet HTML 4Page - Elpida Memory EDS1232JHTA Datasheet HTML 5Page - Elpida Memory EDS1232JHTA Datasheet HTML 6Page - Elpida Memory EDS1232JHTA Datasheet HTML 7Page - Elpida Memory EDS1232JHTA Datasheet HTML 8Page - Elpida Memory EDS1232JHTA Datasheet HTML 9Page - Elpida Memory EDS1232JHTA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
EDS1232JHTA
Preliminary Data Sheet E1291E10 (Ver. 1.0)
6
DC Characteristics 2 (TA = 0
°C to +70°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–1
1
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD, DQ = disable
Output high voltage
VOH
2.0
V
IOH = –1 mA
Output low voltage
VOL
0.4
V
IOL = 1 mA
Pin Capacitance (TA = 25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CLK
2.5
4.0
pF
1, 2, 4
CI2
Address, CKE, /CS,
/RAS, /CAS, /WE,
DQM
2.5
4.0
pF
1, 2, 4
Data input/output
capacitance
CI/O
DQ
4.0
6.5
pF
1, 2, 3, 4
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. Measurement condition: f = 1MHz, 1.2V bias, 200mV swing.
3. DQM = VIH to disable DOUT.
4. This parameter is sampled and not 100% tested.


Similar Part No. - EDS1232JHTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B-E ELPIDA-EDS1232JCBH-6B-E Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232JCBH-75 ELPIDA-EDS1232JCBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-75-E ELPIDA-EDS1232JCBH-75-E Datasheet
739Kb / 50P
   128M bits SDRAM
More results

Similar Description - EDS1232JHTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com