Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD323F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SOD323F
Description  SUGGESTED PAD LAYOUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOD323F Datasheet(HTML) 3 Page - Diodes Incorporated

  SOD323F Datasheet HTML 1Page - Diodes Incorporated SOD323F Datasheet HTML 2Page - Diodes Incorporated SOD323F Datasheet HTML 3Page - Diodes Incorporated SOD323F Datasheet HTML 4Page - Diodes Incorporated SOD323F Datasheet HTML 5Page - Diodes Incorporated SOD323F Datasheet HTML 6Page - Diodes Incorporated SOD323F Datasheet HTML 7Page - Diodes Incorporated SOD323F Datasheet HTML 8Page - Diodes Incorporated SOD323F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
3 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
X2-DFN1410-6
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
X1-DFN1411-3
Dimensions
Value (in mm)
Z
1.38
G1
0.15
G2
0.15
X
0.95
X1
0.75
X2
0.40
Y
0.75
C
0.76
X1-DFN1612-6 / X2-DFN1310-6
Dimensions
X1-DFN1612-6
X2- DFN1310-6
G1
0.15
0.16
G2
0.175
0.17
G3
0.15
0.15
X1
0.60
0.52
X2
0.25
0.20
Y1
0.65
0.52
Y2
0.45
0.375
a
0.10
0.09
b
0.15
0.06
1
X1
Y1
Y(6x)
X(6x)
G(4x)
C
C
Y
X1
Z
G1
X
X2
G2
b
G3
a
G2
X2
Y2
Y1
G1
X1


Similar Part No. - SOD323F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD323F DIODES-SOD323F Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
More results

Similar Description - SOD323F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com