Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0035.9644. Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0035.9644.
Description  LED-Holder ASL (for T 1 LED)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9644. Datasheet(HTML) 3 Page - Schurter Inc.

  0035.9644. Datasheet HTML 1Page - Schurter Inc. 0035.9644. Datasheet HTML 2Page - Schurter Inc. 0035.9644. Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
AST (T1 with LED)
AST (3mm mit LED)
Ausführungen
Models
Varianten
Variations
Artikelnummer
Part Number
gewünschte Variante ankreuzen
select your variation
ohne Kalotte
gerade Anschlüsse
without lens
straight contacts
Die Farbwahl erfolgt jeweils von
unten nach oben. (Von links nach
rechts)
The colour is advised from the
buttom to the top. (From the left
to the right)
Auftragsbezogene Fertigung / Order specific production
ohne Kalotte
Anschlüsse abgewinkelt
without lens
contacts angled 90°
0035.9675.
0035.9676.
0035.9677.
0035.9678.
Farbindex eintragen
Fill in colour index
Farbe der LED
Colour of LED
grün/gelb green/yellow
gelb/gelb yellow/yellow
gelb/rot
yellow/red
6
7
8
6
7
8
6
7
8
6
7
8
grün/grün green/green
grün/rot green/red
4
5
4
5
4
5
4
5
rot/rot
red/red
rot/grün red/green
rot/gelb
red/yellow
1
2
3
1
2
3
1
2
3
1
2
3
gelb/grün yellow/green
9
9
9
9
New specification from 1.7.2011*
TechNical DaTa leDs
1. Maximum Ratings
LED old
leD new*
LED old
leD new*
LED old
leD new*
internal part number
0925.9730
0925.9731
0925.9732
light colour
red
red
green
green
yellow
yellow
Forward current Dc
I
F max. [mA]
40
30
40
30
40
30
Power dissipation
P
totmax. [mW]
130
100
130
100
130
100
2. characteristics (typ. at T
u=25°c)
Forward Voltage
at I
F =10mA, UF typ. [V]
2.0 (<2.6)
2 at 20ma
2.0 (<2.6)
2.4 at 20ma
2.0 (<2.6)
2.4 at 20ma
luminous intensity
at I
F =10mA, Iv typ. [mcd]
11.2 - 28
6.3 to…
18 - 45
6.3 to…
11.2 - 28
6.3 to…
Viewing angle
typ. [degree]
50
60
50
60
50
60
Peak wave lenght
typ. [nm]
635
635
565
565
586
585
Reverse voltage
U
r typ. [V]
5
6
5
6
5
6
0035.9665.
0035.9666.
0035.9667.
0035.9668.


Similar Part No. - 0035.9644.

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9644 SCHURTER-0035.9644 Datasheet
118Kb / 3P
   LED-Fassung ASL (fur 3 mm 1 LED)
More results

Similar Description - 0035.9644.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H-178C-LP ETC2-H-178C-LP Datasheet
34Kb / 1P
   T-1 (3mm) LED HOLDER
logo
Schurter Inc.
0035.9620.1 SCHURTER-0035.9620.1 Datasheet
118Kb / 3P
   LED-Fassung ASL (fur 3 mm 1 LED)
logo
Bivar, Inc.
920-300 BIVAR-920-300 Datasheet
53Kb / 1P
   SINGLE T-1(3mm) LED HOLDER
07/14/03
922-340 BIVAR-922-340 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-343 BIVAR-922-343 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
H-125C-LP BIVAR-H-125C-LP Datasheet
52Kb / 1P
   SINGLE LEVEL T-1 (3mm) LED HOLDER
06/24/02
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
logo
List of Unclassifed Man...
H-175C ETC2-H-175C Datasheet
84Kb / 1P
   T-1 (5mm) LED HOLDER INTERLOCKING VARIABLE DIAMETER
H-403C ETC2-H-403C Datasheet
168Kb / 1P
   QUAD-LEVEL-T-1 (3mm) LED HOLDER INTERLOCKING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com