Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ2104BASE-AE-F Datasheet(PDF) 8 Page - Elpida Memory

Part # EDJ2104BASE-AE-F
Description  2G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2104BASE-AE-F Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDJ2104BASE-AE-F Datasheet HTML 4Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 5Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 6Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 7Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 8Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 9Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 10Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 11Page - Elpida Memory EDJ2104BASE-AE-F Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
EDJ2104BASE, EDJ2108BASE
Preliminary Data Sheet E1505E20 (Ver. 2.0)
8
VREF Tolerances
The dc-tolerance limits and ac-noise limits for the reference voltages VREFCA and VREFDQ are shown in Figure
VREF(DC) Tolerance and VREF AC-Noise Limits. It shows a valid reference voltage VREF(t) as a function of time.
(VREF stands for VREFCA and VREFDQ likewise).
VREF(DC) is the linear average of VREF(t) over a very long period of time (e.g. 1 sec). This average has to meet the
min/max requirements in the table of(Single-Ended AC and DC Input Levels for Command and Address).
Furthermore VREF(t) may temporarily deviate from VREF(DC) by no more than +/- 1% VDD.
VDD
VSS
VDD/2
VREF AC-noise
VREF(DC)max.
VREF(DC)min.
VREF(DC)
VREF(t)
voltage
time
VREF(DC) Tolerance and VREF AC-Noise Limits
The voltage levels for setup and hold time measurements VIH(AC), VIH(DC), VIL(AC) and VIL(DC) are dependent
on VREF.
VREF shall be understood as VREF(DC), as defined in figure above, VREF(DC) Tolerance and VREF AC-Noise
Limits.
This clarifies that DC-variations of VREF affect the absolute voltage a signal has to reach to achieve a valid high or
low level and therefore the time to which setup and hold is measured. System timing and voltage budgets need to
account for VREF(DC) deviations from the optimum position within the data-eye of the input signals.
This also clarifies that the DRAM setup/hold specification and derating values need to include time and voltage
associated with VREF AC-noise. Timing and voltage effects due to ac-noise on VREF up to the specified limit (
±1%
of VDD) are included in DRAM timings and their associated deratings.


Similar Part No. - EDJ2104BASE-AE-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
EDJ2104BDBG-8C-F ELPIDA-EDJ2104BDBG-8C-F Datasheet
447Kb / 30P
   Differential clock inputs
EDJ2104BDBG-AE-F ELPIDA-EDJ2104BDBG-AE-F Datasheet
447Kb / 30P
   Differential clock inputs
EDJ2104BDBG-DJ-F ELPIDA-EDJ2104BDBG-DJ-F Datasheet
447Kb / 30P
   Differential clock inputs
EDJ2104BDBG-GN-F ELPIDA-EDJ2104BDBG-GN-F Datasheet
447Kb / 30P
   Differential clock inputs
More results

Similar Description - EDJ2104BASE-AE-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com