Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


U-DFN3030-10 Datasheet(PDF) 9 Page - Diodes Incorporated

Part No. U-DFN3030-10
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

 9 page
background image
AP02002 Rev. 60
9 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
U-DFN2020-6
Type E
U-DFN2020-6
Type E
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.03
A3
0.15
b
0.25
0.35
0.30
b1
0.185 0.285 0.235
D
1.95
2.05
2.00
D2
0.85
1.05
0.95
E
1.95
2.05
2.00
E2
1.40
1.60
1.50
e
0.65
L
0.25
0.35
0.30
L1
0.82
0.92
0.87
K1
0.305
K2
0.225
Z
0.20
All Dimensions in mm
X2-DFN2020-6
X2-DFN2020-6
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
0.03
A3
0.13
b
0.25
0.35
0.30
D
1.95
2.05
2.00
D2
0.85
1.05
0.95
E
1.95
2.05
2.00
E2
1.40
1.60
1.50
e
0.65
L
0.25
0.35
0.30
L1
1.35
1.45
1.40
Z
0.20
All Dimensions in mm
U-DFN2523-6
U-DFN2523-6
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.152
b
0.25
0.35
0.30
2.45
2.55
2.50
D1
1.55
1.65
1.60
e
-
-
0.65
E
2.25
2.35
2.30
E1
1.18
1.28
1.23
L
0.30
0.40
0.35
L1
0.30
0.40
0.35
All Dimensions in mm
A1
Z(4X)
b1
L1
K1
K2
D
D2
E
e
b(6X)
L(2X)
E2
A
A3
D
D2
E
e
b(6X)
L
E2
A
A3
A1
Z(3X)
L1
e
A
A1
A3
D
e
L (3x)
E1
D1
b (6x)
L1 (2x)
E
Pin #1 ID
R0.150




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl