Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0035.9612 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0035.9612
Description  LED-Fassung AST (f체r 3 mm 1 LED)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9612 Datasheet(HTML) 2 Page - Schurter Inc.

  0035.9612 Datasheet HTML 1Page - Schurter Inc. 0035.9612 Datasheet HTML 2Page - Schurter Inc. 0035.9612 Datasheet HTML 3Page - Schurter Inc. 0035.9612 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
Ausführungen
Models
Varianten
Variations
Artikelnummer
Part Number
0035.9610
0035.9611
0035.9612
gewünschte Variante ankreuzen
select your variation
0035.9613
0035.9614
0035.9615
0035.9616
0035.9617
AST (ohne LED)
AST (without LED)
0035.9660
0035.9661
0035.9662
0035.9663
Anzahl der LED-Fassungen
Number of LED-Holders
Anzahl der LED-Fassungen
Number of LED-Holders


Similar Part No. - 0035.9612

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9610 SCHURTER-0035.9610 Datasheet
360Kb / 4P
   LED Holder for 3 mm and 5 mm LED
04.01.2022
0035.9611 SCHURTER-0035.9611 Datasheet
360Kb / 4P
   LED Holder for 3 mm and 5 mm LED
04.01.2022
More results

Similar Description - 0035.9612

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9620.1 SCHURTER-0035.9620.1 Datasheet
118Kb / 3P
   LED-Fassung ASL (fur 3 mm 1 LED)
0035.7022 SCHURTER-0035.7022 Datasheet
85Kb / 1P
   LED-Fassung PBL (fur 3mm LED)
0035.1980 SCHURTER-0035.1980 Datasheet
33Kb / 1P
   LED-Fassung LML (fur 3mm LED)
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com