Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0035.9612 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0035.9612
Description  LED-Fassung AST (f체r 3 mm 1 LED)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9612 Datasheet(HTML) 1 Page - Schurter Inc.

  0035.9612 Datasheet HTML 1Page - Schurter Inc. 0035.9612 Datasheet HTML 2Page - Schurter Inc. 0035.9612 Datasheet HTML 3Page - Schurter Inc. 0035.9612 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
LED-Fassung AST (für 3 mm 1 LED)
LED-Holder AST (for T 1 LED)
Ausführungen
Models
Abmessungen
Dimensions
AST ohne LED / without LED
Technische Daten
/ Technical data
Kennwerte / data
Lötbarkeit / Solderability
max. 2 s 235 °C
( IEC 68 2-20 Test Ta Methode 1 )
Lötwärmebeständigkeit / Soldering heat resistance
max. 5 s 260 °C
( IEC 68 2-20 Test Tb Methode 1A )
Umgebungstemperatur / Ambient temperature
-25°C ... +85°C
Lagertemperatur / Storage temperature
-55°C ... +100°C
Werkstoffe / Materials
Thermoplast
Sockel / Socket


Similar Part No. - 0035.9612

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9610 SCHURTER-0035.9610 Datasheet
360Kb / 4P
   LED Holder for 3 mm and 5 mm LED
04.01.2022
0035.9611 SCHURTER-0035.9611 Datasheet
360Kb / 4P
   LED Holder for 3 mm and 5 mm LED
04.01.2022
More results

Similar Description - 0035.9612

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9620.1 SCHURTER-0035.9620.1 Datasheet
118Kb / 3P
   LED-Fassung ASL (fur 3 mm 1 LED)
0035.7022 SCHURTER-0035.7022 Datasheet
85Kb / 1P
   LED-Fassung PBL (fur 3mm LED)
0035.1980 SCHURTER-0035.1980 Datasheet
33Kb / 1P
   LED-Fassung LML (fur 3mm LED)
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com