Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. TCA965B
Description  Window Discriminator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 3 page
background image
TCA 965 B
Semiconductor Group
3
1998-02-10
Pin Configuration
(top view)
Pin Definitions and Functions
Pin
Symbol
Pin Function in
Direct Setting
Indirect Setting
of Window
1
2
3
4
5
GND
A
D
Inhibit A
V
REF
GND
Logic output A
Logic output D = A @ B (AND)
Connected to GND: logic output A = HIGH
Internal
V
REF = 3 V
6
7
8
9
V
6
V
7
V
8
V
9
Upper edge voltage
Lower edge voltage
Input voltage
GND
Input voltage
V
6/7
Input voltage
V
6/7
Center voltage
Half window width
10
11
12
13
14
V
Stab
+
V
S
Inhibit B
C
B
Internal
V
Stab = 6 V
Supply voltage
Connected to GND: logic output B = HIGH
Logic output C = A @ B (NAND)
Logic output B
TCA 965 B
IEP00292
C
D
A
GND
7
8
6
9
5
10
4
11
3
12
2
13
1
14
B
7
V
Inhibit A
6
V
REF
V
Inhibit B
V
9
V
S
V
Stab
V
8
+




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA13432Three-phase Motor Driver with Speed Discriminator 1 2 Hitachi Semiconductor
AD53042High Speed Window Comparator 1 2 3 4 Analog Devices
STV9936P120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays 1 2 3 4 5 MoreSTMicroelectronics
NTE1700Integrated Circuit 2 4 & 6 Hour Auto Discriminator for VCR 1 2 3 NTE Electronics
MM1327Wide Discriminator Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
EL5283CDual and Window 8ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
U6046BREAR WINDOW HEATING TIMER / LONG-TERM TIMER 1 2 3 4 5 MoreATMEL Corporation
CXA1616NSync Discriminator for CRT Displays 1 2 3 4 5 MoreSony Corporation
PWD-21PULSE WIDTH DISCRIMINATOR 1 Data Delay Devices, Inc.
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl