Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. TCA965B
Description  Window Discriminator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 5 page
background image
TCA 965 B
Semiconductor Group
5
1998-02-10
Characteristics
V
S = 10 V; TA = 25 °C
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min. typ. max.
Current consumption
Input current
(pins 6, 7, 8)
Input current, pin 9
I
S
I
I
I
I
5
20
400
7
50
3000
mA
nA
nA
V
2, V13 = VQH
1
1
1
Input offset voltage in
direct setting of window
Input offset voltage in
indirect setting of window
Input-voltage range on
pins 6, 7, 8
Input-voltage range on
pin 9
Differential input voltage
Reference voltage
Stabilized voltage on
pin 10
TC of reference voltage
Sensitivity of reference
voltage to supply-voltage
variation
V
IO
V
IO
V
I
V
I
V
6 –(V8 V9)
(
V
8 + V9)– V7
V
5
V
10
αV
5
V
5/∆VS
–20
–50
1.5
50
2.8
5.5
3
6
0.4
2
20
50
V
S –1
V
S/2
13
13
3.2
6.5
mV
mV
V
mV
V
V
V
V
mV/K
mV/V
V
I <13V
I
REF = 0
V
S > 7.9 V
1
2
1
2
Output reverse current
I
QH
––
10
µA–
Output saturation voltage
Hysteresis of window
edges
Inhibit threshold
V
QL
V
U VL
V
4, 12
18
1
100
500
22
200
800
35
1.8
mV
mV
mV
V
I
Q = 10 mA
I
Q = 50 mA
1
Inhibit current
I
4, 12
– 100 –
µA–
Switching frequency
f
dir
f
ind
20
50
kHz
kHz
1
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA13432Three-phase Motor Driver with Speed Discriminator 1 2 Hitachi Semiconductor
AD53042High Speed Window Comparator 1 2 3 4 Analog Devices
STV9936P120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays 1 2 3 4 5 MoreSTMicroelectronics
NTE1700Integrated Circuit 2 4 & 6 Hour Auto Discriminator for VCR 1 2 3 NTE Electronics
MM1327Wide Discriminator Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
EL5283CDual and Window 8ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
U6046BREAR WINDOW HEATING TIMER / LONG-TERM TIMER 1 2 3 4 5 MoreATMEL Corporation
CXA1616NSync Discriminator for CRT Displays 1 2 3 4 5 MoreSony Corporation
PWD-21PULSE WIDTH DISCRIMINATOR 1 Data Delay Devices, Inc.
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl