Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ81UG8BAS0 Datasheet(PDF) 10 Page - Elpida Memory

Part # EBJ81UG8BAS0
Description  8GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ81UG8BAS0 Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBJ81UG8BAS0 Datasheet HTML 6Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 7Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 8Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 9Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 10Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 11Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 12Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 13Page - Elpida Memory EBJ81UG8BAS0 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EBJ81UG8BAS0
Data Sheet E1717E50 (Ver. 5.0)
10
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Data rate (Mbps)
1600
1333
Parameter
Symbol
max.
max.
Unit
Notes
Operating current
(ACT-PRE)
(Another rank is in IDD2P1)
IDD0
856
800
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
1080
1000
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P1)
IDD1
976
920
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
1200
1120
mA
IDD2P1
592
560
mA
Fast PD Exit
Precharge power-down standby
current
IDD2P0
320
320
mA
Slow PD Exit
Precharge standby current
IDD2N
800
720
mA
Precharge standby ODT current
IDD2NT
800
720
mA
Precharge quiet standby current
IDD2Q
800
720
mA
Active power-down current
(Always fast exit)
IDD3P
624
592
mA
Active standby current
IDD3N
1040
960
mA
Operating current
(Burst read operating)
(Another rank is in IDD2P1)
IDD4R
1576
1400
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
1800
1600
mA
Operating current
(Burst write operating)
(Another rank is in IDD2P1)
IDD4W
1616
1440
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
1840
1640
mA
Burst refresh current
(Another rank is in IDD2P1)
IDD5B
2936
2880
mA
Burst refresh current
(Another rank is in IDD3N)
IDD5B
3160
3080
mA
All bank interleave read current
(Another rank is in IDD2P1)
IDD7
2376
2280
mA
All bank interleave read current
(Another rank is in IDD3N)
IDD7
2600
2480
mA
RESET low current
IDD8
272
272
mA


Similar Part No. - EBJ81UG8BAS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0-DJ-F ELPIDA-EBJ81UG8BBU0-DJ-F Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0-GN-F ELPIDA-EBJ81UG8BBU0-GN-F Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ81UG8BAS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SGN08G72G1BB2SA-CC[EW]RT ETC2-SGN08G72G1BB2SA-CC[EW]RT Datasheet
729Kb / 17P
   8GB DDR3 ??SDRAM ECC SO-DIMM
SLN08G72G2BE2MT-CCRT ETC2-SLN08G72G2BE2MT-CCRT Datasheet
782Kb / 17P
   8GB DDR3 ??SDRAM ECC SO-DIMM
SGN08G72G2BD2SA-CC[EW]RT ETC2-SGN08G72G2BD2SA-CC[EW]RT Datasheet
717Kb / 17P
   8GB DDR3 . SDRAM ECC SO-DIMM
logo
Elpida Memory
EBJ82HF4B1RA ELPIDA-EBJ82HF4B1RA Datasheet
248Kb / 26P
   8GB Registered DDR3 SDRAM DIMM
EBJ81UG8EBU0 ELPIDA-EBJ81UG8EBU0 Datasheet
229Kb / 16P
   8GB DDR3L SDRAM SO-DIMM
logo
List of Unclassifed Man...
SLN08G64B3BA2HY-CC[WR]RT ETC2-SLN08G64B3BA2HY-CC[WR]RT Datasheet
702Kb / 17P
   8GB DDR3L ??SDRAM SO-DIMM
SLN08G64E2BD2SA-CC[EW]RT ETC2-SLN08G64E2BD2SA-CC[EW]RT Datasheet
741Kb / 17P
   8GB DDR3L . SDRAM SO-DIMM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com